Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3063-M Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # MOC3063-M
Description  6-PIN DIP ZERO-CROSS PHOTOTRIAC DRIVER OPTOCOUPLER (600V PEAK)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3063-M Datasheet(HTML) 5 Page - Fairchild Semiconductor

  MOC3063-M Datasheet HTML 1Page - Fairchild Semiconductor MOC3063-M Datasheet HTML 2Page - Fairchild Semiconductor MOC3063-M Datasheet HTML 3Page - Fairchild Semiconductor MOC3063-M Datasheet HTML 4Page - Fairchild Semiconductor MOC3063-M Datasheet HTML 5Page - Fairchild Semiconductor MOC3063-M Datasheet HTML 6Page - Fairchild Semiconductor MOC3063-M Datasheet HTML 7Page - Fairchild Semiconductor MOC3063-M Datasheet HTML 8Page - Fairchild Semiconductor MOC3063-M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
6/15/05
Page 5 of 10
© 2005 Fairchild Semiconductor Corporation
6-PIN DIP ZERO-CROSS
PHOTOTRIAC DRIVER OPTOCOUPLER
(600V PEAK)
MOC3061-M
MOC3062-M
MOC3063-M
MOC3162-M
MOC3163-M
Figure 5. IDRM2, Leakage in Inhibit State vs. Temperature
Figure 7. IH, Holding Current vs. Temperature
Figure 8. Inhibit Voltage vs. Temperature
Figure 6. On-State Characteristics
VTM, ON-STATE VOLTAGE (VOLTS)
TA, AMBIENT TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
TA, AMBIENT TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
TA, AMBIENT TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
IF = RATED IFT
NORMALIZED TO TA = 25°C
-4
-3
-2
-1
0
1
2
3
4
TA = 25°C
-800
-600
-400
-200
0
200
400
600
800
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
NORMALIZED TO TA = 25°C


Similar Part No. - MOC3063-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3063-M FAIRCHILD-MOC3063-M Datasheet
540Kb / 10P
   6-PIN DIP ZERO-CROSS PHOTOTRIAC DRIVER OPTOCOUPLER (600V PEAK)
More results

Similar Description - MOC3063-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3061-M FAIRCHILD-MOC3061-M Datasheet
540Kb / 10P
   6-PIN DIP ZERO-CROSS PHOTOTRIAC DRIVER OPTOCOUPLER (600V PEAK)
logo
CT Micro International ...
CT3061 CTMICRO-CT3061 Datasheet
966Kb / 12P
   600V/800V Zero Cross 6-Pin Phototriac Optocoupler
logo
ON Semiconductor
MOC3081M ONSEMI-MOC3081M_V01 Datasheet
343Kb / 13P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (800 V Peak)
September, 2022 - Rev. 2
MOC3061M ONSEMI-MOC3061M Datasheet
402Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
May, 2021 ??Rev. 2
MOC3081M ONSEMI-MOC3081M Datasheet
320Kb / 13P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (800 V Peak)
September, 2019 ??Rev. 1
MOC3061M ONSEMI-MOC3061M_V01 Datasheet
274Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
September, 2022 - Rev. 3
logo
CT Micro International ...
CT3061-5L CTMICRO-CT3061-5L Datasheet
954Kb / 10P
   600V/800V Zero Cross 5-Pin Phototriac Optocoupler
CT3031 CTMICRO-CT3031 Datasheet
969Kb / 12P
   250V/400V Zero Cross 6-Pin Phototriac Optocoupler
logo
ON Semiconductor
MOC3031M ONSEMI-MOC3031M Datasheet
405Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Output Optocoupler (250/400 Volt Peak)
May, 2021 ??Rev. 2
logo
Fairchild Semiconductor
MOC3081 FAIRCHILD-MOC3081 Datasheet
167Kb / 11P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (800Volts Peak)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com