Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50WQ10FNPBF Datasheet(PDF) 7 Page - International Rectifier

Part # 50WQ10FNPBF
Description  SCHOTTKY RECTIFIER 5.5 Amp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

50WQ10FNPBF Datasheet(HTML) 7 Page - International Rectifier

  50WQ10FNPBF Datasheet HTML 1Page - International Rectifier 50WQ10FNPBF Datasheet HTML 2Page - International Rectifier 50WQ10FNPBF Datasheet HTML 3Page - International Rectifier 50WQ10FNPBF Datasheet HTML 4Page - International Rectifier 50WQ10FNPBF Datasheet HTML 5Page - International Rectifier 50WQ10FNPBF Datasheet HTML 6Page - International Rectifier 50WQ10FNPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
50WQ10FNPbF
Bulletin PD-21095 rev.
B 08/06
7
www.irf.com
IR WORLD HEADQUARTERS:
233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 08/06
Data and specifications subject to change without notice.
This product has been designed and qualified for AEC Q101 Level and Lead-Free.
Qualification Standards can be found on IR's Web site.
Ordering Information Table
50
W
Q
10
FN TRL PbF
Device Code
1
5
2
4
3
6
1
-
Current Rating (5.5A)
2
-
Package Identifier
4
W = D-Pak
3
-
Schottky "Q" Series
4
-
Voltage Rating (10 = 100V)
5
-
FN = TO-252AA (D-Pak)
6
-
none = Tube (50 pieces)
TR = Tape & Reel
TRL = Tape & Reel (Left Oriented)
TRR = Tape & Reel (Right Oriented)
7
-
none = Standard Production
PbF = Lead-Free
7


Similar Part No. - 50WQ10FNPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
50WQ10FNPBF VISHAY-50WQ10FNPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
50WQ10FNPBF VISHAY-50WQ10FNPBF Datasheet
138Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 14-Jan-11
logo
Inchange Semiconductor ...
50WQ10FNPBF ISC-50WQ10FNPBF Datasheet
241Kb / 2P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
50WQ10FNPBF VISHAY-50WQ10FNPBF_11 Datasheet
138Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 14-Jan-11
More results

Similar Description - 50WQ10FNPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50WQ06FNPBF IRF-50WQ06FNPBF Datasheet
188Kb / 7P
   SCHOTTKY RECTIFIER 5.5 Amp
logo
Vishay Siliconix
VS-50WQ10FNHM3 VISHAY-VS-50WQ10FNHM3 Datasheet
120Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Aug-13
50WQ10FNPBF VISHAY-50WQ10FNPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
50WQ03FNPBF VISHAY-50WQ03FNPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
VS-50WQ03FN-M3 VISHAY-VS-50WQ03FN-M3_15 Datasheet
130Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 03-Nov-10
50WQ04FNPBF VISHAY-50WQ04FNPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
VS-50WQ10FNPBF VISHAY-VS-50WQ10FNPBF Datasheet
116Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 29-May-13
50WQ06FNPBF VISHAY-50WQ06FNPBF_13 Datasheet
138Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 14-Jan-11
VS-50WQ04FNHM3 VISHAY-VS-50WQ04FNHM3 Datasheet
112Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Aug-13
VS50WQ10FN VISHAY-VS50WQ10FN Datasheet
146Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 21-Aug-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com