Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9559 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9559
Description  5-bit multiplexed/1-bit latched 6-bit I2C EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9559 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9559 Datasheet HTML 3Page - NXP Semiconductors PCA9559 Datasheet HTML 4Page - NXP Semiconductors PCA9559 Datasheet HTML 5Page - NXP Semiconductors PCA9559 Datasheet HTML 6Page - NXP Semiconductors PCA9559 Datasheet HTML 7Page - NXP Semiconductors PCA9559 Datasheet HTML 8Page - NXP Semiconductors PCA9559 Datasheet HTML 9Page - NXP Semiconductors PCA9559 Datasheet HTML 10Page - NXP Semiconductors PCA9559 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Philips Semiconductors
Product data
PCA9559
5-bit multiplexed/1-bit latched 6-bit
I2C EEPROM DIP switch
2003 Jun 27
7
AC CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
MUX_IN
⇒ MUX_OUT
tPLH
LOW-to-HIGH transition time
28
37
ns
tPHL
HIGH-to-LOW transition time
16
21
ns
Select
⇒ MUX_OUT
tPLH
LOW-to-HIGH transition time
30
39
ns
tPHL
HIGH-to-LOW transition time
17
22
ns
OVERRIDE_N
⇒ NON-MUXED_OUT
tPLH
LOW-to-HIGH transition time
34
43
ns
tPHL
HIGH-to-LOW transition time
19
25
ns
OVERRIDE_N
⇒ MUX_OUT
tPLH
LOW-to-HIGH transition time
31
41
ns
tPHL
HIGH-to-LOW transition time
21
27
ns
tR
Output rise time
1.0
3
ns/V
tF
Output fall time
1.0
3
ns/V
PF
Pull-up resistor for outputs
1.0
ns/V
CL
Test load capacitance on outputs
pF
I2C-bus
tSCL
SCL clock frequency
10
400
kHz
tBUF
Bus free time between a STOP and a START condition
1.3
µs
tHD:STA
Hold time (repeated) START condition. After this period, the first
clock pulse is generated
600
ns
tLOW
LOW period of SCL clock
1.3
µs
tHIGH
HIGH period of SCL clock
600
-12
ns
tSU:STA
Set-up time for a repeated START condition
600
-32
ns
tHD:DAT
Data hold time
0
10
ns
tSU:DAT
Data set-up time
100
-100
ns
tSP
Data spike time
0
50
ns
tSU:STO
Set-up time for STOP condition
600
10
ns
tR
Rise time for both SDA and SCL signals (10 - 400 pF bus)
20
300
ns
tI
Fall time for both SDA and SCL signals (10 - 400 pF bus)
20
300
ns
CL
Capacitive load for each bus line
400
pF
TW
Write cycle time1
15
ms
NOTE:
1. WRITE CYCLE time can only be measured indirectly during the write cycle. During this time, the device will not acknowledge its I2C Address.


Similar Part No. - PCA9559

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9559 NXP-PCA9559 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA9559

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8550 PHILIPS-PCA8550 Datasheet
87Kb / 12P
   4-bit multiplexed/1-bit latched 5-bit I2C EEPROM
1998 Sep 29
PCA9560 PHILIPS-PCA9560 Datasheet
111Kb / 17P
   Dual 5-bit multiplexed 1-bit latched I2C EEPROM DIP switch
2003 Jun 27
PCA9560 PHILIPS-PCA9560_04 Datasheet
129Kb / 17P
   Dual 5-bit multiplexed 1-bit latched I2C EEPROM DIP switch
2004 May 19
PCA9558 PHILIPS-PCA9558 Datasheet
131Kb / 18P
   8-bit I2C and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C EEPROM and 2 k bit EEPROM
2002 May 24
PCA9558 NXP-PCA9558 Datasheet
165Kb / 27P
   8-bit I2C-bus and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C-bus EEPROM DIP switch and 2-kbit EEPROM
Rev. 04-14 April 2009
PCA9561 PHILIPS-PCA9561_04 Datasheet
133Kb / 17P
   Quad 6-bit multiplexed I2C EEPROM DIP switch
2004 May 17
PCA9561 PHILIPS-PCA9561 Datasheet
111Kb / 17P
   Quad 6-bit multiplexed I2C EEPROM DIP switch
2003 Jun 27
logo
Fairchild Semiconductor
FM3540 FAIRCHILD-FM3540 Datasheet
100Kb / 10P
   4/5 Bit Multiplexed, 1 Bit Latched Port with Standard 2-Wire Bus Interface and Non-Volatile Latches
logo
Shenzhen Huazhimei Semi...
HM24C02 HMSEMI-HM24C02 Datasheet
1Mb / 7P
   2K bit, 4K bit, 8K bit and 16K bit serial I2C bus EEPROM
logo
Catalyst Semiconductor
CAT24FC256 CATALYST-CAT24FC256 Datasheet
421Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com