Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFZ48RL Datasheet(PDF) 9 Page - International Rectifier

Part # IRFZ48RL
Description  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ48RL Datasheet(HTML) 9 Page - International Rectifier

Back Button IRFZ48RL Datasheet HTML 2Page - International Rectifier IRFZ48RL Datasheet HTML 3Page - International Rectifier IRFZ48RL Datasheet HTML 4Page - International Rectifier IRFZ48RL Datasheet HTML 5Page - International Rectifier IRFZ48RL Datasheet HTML 6Page - International Rectifier IRFZ48RL Datasheet HTML 7Page - International Rectifier IRFZ48RL Datasheet HTML 8Page - International Rectifier IRFZ48RL Datasheet HTML 9Page - International Rectifier IRFZ48RL Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRFZ48RS/IRFZ48RL
www.irf.com
9
D2Pak Part Marking Information
PAR T N U M B E R
IN T E R N A T IO N A L
RECT IF IE R
L O G O
DA T E CO DE
(Y YW W )
YY = YE A R
WW = WE E K
A S S E M B L Y
L O T
C O D E
F53 0 S
9 B
1 M
92 46
A
D2Pak Package Outline
10.16 (.400)
R E F .
6.47 (.255)
6.18 (.243)
2.61 (.103)
2.32 (.091)
8.89 (.350)
R E F .
- B -
1.32 (.052)
1.22 (.048)
2.79 (.110)
2.29 (.090)
1 .39 (.055)
1 .14 (.045)
5.28 (.208)
4.78 (.188)
4.69 (.185)
4.20 (.165)
10.54 (.415)
10.29 (.405)
- A -
2
1
3
15.49 (.610)
14.73 (.580)
3X
0.93 (.037)
0.69 (.027)
5.08 (.200 )
3X
1.40 (.055)
1.14 (.045)
1.78 (.070)
1.27 (.050)
1.40 (.055)
M A X.
N O T ES:
1 D IM E N S IO N S A F T E R S O L D E R D IP .
2 D IM E N S IO N IN G & T O LE R A N C IN G P E R A N S I Y 14.5M , 1982.
3 CO N T R O L L IN G DIM E N S IO N : INCH .
4 HE A T S IN K & L E A D DIM E NS IO NS D O NO T IN CL U D E B U RR S .
0.55 (.022)
0.46 (.018)
0.25 (.010)
M
B A M
MIN IM U M R E C O MME N D E D F O O T P R IN T
11.43 (.4 50)
8.89 (.350)
17.78 (.700)
3.81 (.150)
2.08 (.082)
2 X
LE AD ASSIG N M E N T S
1 - G A T E
2 - D R A IN
3 - S O U R C E
2.54 (.100)
2 X
Dimensions are shown in millimeters (inches)


Similar Part No. - IRFZ48RL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFZ48RL VISHAY-IRFZ48RL Datasheet
961Kb / 8P
   Power MOSFET
S-Pending-Rev. A, 22-Jul-08
IRFZ48RL VISHAY-IRFZ48RL Datasheet
208Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
logo
International Rectifier
IRFZ48RLPBF IRF-IRFZ48RLPBF Datasheet
255Kb / 10P
   HEXFET POWER MOSFET ( VDSS = 60V , RDS(on) = 0.018廓 , ID = 50A )
logo
Vishay Siliconix
IRFZ48RLPBF VISHAY-IRFZ48RLPBF Datasheet
961Kb / 8P
   Power MOSFET
S-Pending-Rev. A, 22-Jul-08
IRFZ48RLPBF VISHAY-IRFZ48RLPBF Datasheet
208Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
More results

Similar Description - IRFZ48RL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com