Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4BC20K-SPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRG4BC20K-SPBF
Description  Short Circuit Rated UltraFast IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC20K-SPBF Datasheet(HTML) 1 Page - International Rectifier

  IRG4BC20K-SPBF Datasheet HTML 1Page - International Rectifier IRG4BC20K-SPBF Datasheet HTML 2Page - International Rectifier IRG4BC20K-SPBF Datasheet HTML 3Page - International Rectifier IRG4BC20K-SPBF Datasheet HTML 4Page - International Rectifier IRG4BC20K-SPBF Datasheet HTML 5Page - International Rectifier IRG4BC20K-SPBF Datasheet HTML 6Page - International Rectifier IRG4BC20K-SPBF Datasheet HTML 7Page - International Rectifier IRG4BC20K-SPBF Datasheet HTML 8Page - International Rectifier IRG4BC20K-SPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
04/22/04
VCES = 600V
VCE(on) typ. = 2.27V
@VGE = 15V, IC = 9.0A
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
16
IC @ TC = 100°C
Continuous Collector Current
9.0
A
ICM
Pulsed Collector Current 
32
ILM
Clamped Inductive Load Current ‚
32
tsc
Short Circuit Withstand Time
10
µs
VGE
Gate-to-Emitter Voltage
±20
V
EARV
Reverse Voltage Avalanche Energy ƒ
29
mJ
PD @ TC = 25°C
Maximum Power Dissipation
60
W
PD @ TC = 100°C Maximum Power Dissipation
24
TJ
Operating Junction and
-55 to +150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting torque, 6-32 or M3 screw.
10 lbf•in (1.1N•m)
IRG4BC20K-SPbF
Short Circuit Rated
UltraFast IGBT
95167
E
C
G
n-channel
2
D Pak
Features
• High short circuit rating optimized for motor control,
tsc =10µs, @360V VCE (start), TJ = 125°C,
VGE = 15V
• Combines low conduction losses with high
switching speed
• Latest generation design provides tighter parameter
distribution and higher efficiency than previous
generations
• Lead-Free
• As a Freewheeling Diode we recommend our
HEXFREDTM ultrafast, ultrasoft recovery diodes for
minimum EMI / Noise and switching losses in the
Diode and IGBT
• Latest generation 4 IGBTs offer highest power
density motor controls possible
• This part replaces the IRGBC20K-S and
IRGBC20M-S devices
Benefits
Parameter
Typ.
Max.
Units
RqJC
Junction-to-Case
–––
2.1
RqCS
Case-to-Sink, Flat, Greased Surface
0.5
–––
°C/W
RqJA
Junction-to-Ambient ( PCB Mounted,steady-state)†
–––
40
Wt
Weight
1.44
–––
g
Thermal Resistance
www.irf.com
1


Similar Part No. - IRG4BC20K-SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20K-S IRF-IRG4BC20K-S Datasheet
162Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.27V, @Vge=15V, Ic=9.0A)
More results

Similar Description - IRG4BC20K-SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PH20KPBF IRF-IRG4PH20KPBF Datasheet
390Kb / 9P
   Short Circuit Rated UltraFast IGBT
IRG4PH40KPBF IRF-IRG4PH40KPBF Datasheet
527Kb / 8P
   Short Circuit Rated UltraFast IGBT
CPV362M4K IRF-CPV362M4K Datasheet
326Kb / 10P
   Short Circuit Rated UltraFast IGBT
IRG4BC10K IRF-IRG4BC10K Datasheet
158Kb / 8P
   Short Circuit Rated UltraFast IGBT
IRG4PC50KPBF IRF-IRG4PC50KPBF Datasheet
239Kb / 8P
   Short Circuit Rated UltraFast IGBT
logo
Vishay Siliconix
CPV364M4KPBF VISHAY-CPV364M4KPBF Datasheet
269Kb / 11P
   CPV364M4KPBF (Short Circuit Rated Ultrafast IGBT)
Revision: 01-Sep-08
logo
International Rectifier
CPU165MK IRF-CPU165MK Datasheet
92Kb / 2P
   IGBT SIP MODULE Short Circuit Rated UltraFast IGBT
logo
Vishay Siliconix
VS-CPV363M4KPBF VISHAY-VS-CPV363M4KPBF Datasheet
261Kb / 10P
   IGBT SIP Module (Short Circuit Rated Ultrafast IGBT)
Revision: 25-Oct-17
VS-CPV364M4KPBF VISHAY-VS-CPV364M4KPBF Datasheet
252Kb / 11P
   IGBT SIP Module(Short Circuit Rated Ultrafast IGBT)
Revision: 25-Oct-17
CPV363M4KPBF VISHAY-CPV363M4KPBF Datasheet
279Kb / 11P
   IGBT SIP Module (Short Circuit Rated Ultrafast IGBT)
Revision: 01-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com