Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA12 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MPSA12
Description  NPN Darlington Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MPSA12 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MPSA12 Datasheet HTML 1Page - Fairchild Semiconductor MPSA12 Datasheet HTML 2Page - Fairchild Semiconductor MPSA12 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, November 2002
TO-92
Absolute Maximum Ratings * T
A=25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1. These ratings are based on a maximum junction temperature of 150 degrees C.
2. These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Electrical Characteristics T
A=25°C unless otherwise noted
* Pulse Test: Pulse Width
≤ 300µs, Duty Cycle ≤ 2.0%
Thermal Characteristics T
A=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCES
Collector-Emitter Voltage
20
V
VCBO
Collector-Base Voltage
20
V
VEBO
Emitter-Base Voltage
10
V
IC
Collector Current
- Continuous
1.2
A
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 ~ +150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
Off Characteristics
V(BR)CES
Collector-Emitter Breakdown Voltage
IC = 100µA, IE = 0
20
V
ICBO
Collector Cutoff Current
VCB = 15V, IE = 0
100
nA
ICES
Emitter Cutoff Current
VCB = 15V, IC = 0
100
nA
IEBO
Emitter Cutoff Current
VEB = 10V, IC = 0
100
nA
On Characteristics *
hFE
DC Current Gain
VCE = 5.0V, IC = 10mA
20,000
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 10mA, IB = 0.01mA
1.0
V
VBE(on)
Base-Emitter On Voltage
IC = 10mA, VCE = 5.0V
1.4
V
Symbol
Parameter
Max.
Units
PD
Total Device Dissipation
Derate above 25
°C
625
5.0
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
83.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
200
°C/W
MPSA12
NPN Darlington Transistor
• This device is designed for applications requiring extremely high
current gain at currents to 1.0A.
• Sourced from process 05.
• See MPSA14 for characteristics.
1. Emitter 2. Base 3. Collector
1


Similar Part No. - MPSA12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MPSA12 FAIRCHILD-MPSA12 Datasheet
21Kb / 2P
   NPN Darlington Transistor
logo
Micro Electronics
MPSA12 MICRO-ELECTRONICS-MPSA12 Datasheet
70Kb / 1P
   NPN SILICON DARLINGTON TRANSISTOR
logo
ON Semiconductor
MPSA12 ONSEMI-MPSA12 Datasheet
48Kb / 3P
   Darlington Transistors NPN Silicon
January, 2006 ??Rev. 1
logo
Fairchild Semiconductor
MPSA12 FAIRCHILD-MPSA12 Datasheet
31Kb / 3P
   NPN Darlington Transistor
logo
Central Semiconductor C...
MPSA12 CENTRAL-MPSA12 Datasheet
665Kb / 3P
   SILICON NPN DARLINGTON TRANSISTORS
More results

Similar Description - MPSA12

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
   NPN DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
   NPN Darlington Transistor
logo
Samsung semiconductor
MMBT6427 SAMSUNG-MMBT6427 Datasheet
67Kb / 2P
   NPN (DARLINGTON TRANSISTOR)
logo
Rohm
2SD2399 ROHM-2SD2399 Datasheet
370Kb / 5P
   Transistor,NPN,Darlington
logo
Fairchild Semiconductor
2N5306 FAIRCHILD-2N5306 Datasheet
23Kb / 2P
   NPN Darlington Transistor
logo
NXP Semiconductors
BC517 PHILIPS-BC517 Datasheet
43Kb / 8P
   NPN Darlington transistor
1999 Apr 23
logo
Fairchild Semiconductor
TN6725A FAIRCHILD-TN6725A Datasheet
26Kb / 2P
   NPN Darlington Transistor
logo
First Components Intern...
BC618 FCI-BC618 Datasheet
73Kb / 5P
   NPN Darlington Transistor
logo
Fairchild Semiconductor
2N7052 FAIRCHILD-2N7052_01 Datasheet
310Kb / 8P
   NPN Darlington Transistor
MPSA14 FAIRCHILD-MPSA14_01 Datasheet
651Kb / 14P
   NPN Darlington Transistor
logo
Chenmko Enterprise Co. ...
CHBTA13PT CHENMKO-CHBTA13PT Datasheet
70Kb / 2P
   NPN Darlington Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com