Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78E858 Datasheet(PDF) 9 Page - Winbond

Part # W78E858
Description  8-BIT MICROCONTROLLER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78E858 Datasheet(HTML) 9 Page - Winbond

Back Button W78E858_06 Datasheet HTML 5Page - Winbond W78E858_06 Datasheet HTML 6Page - Winbond W78E858_06 Datasheet HTML 7Page - Winbond W78E858_06 Datasheet HTML 8Page - Winbond W78E858_06 Datasheet HTML 9Page - Winbond W78E858_06 Datasheet HTML 10Page - Winbond W78E858_06 Datasheet HTML 11Page - Winbond W78E858_06 Datasheet HTML 12Page - Winbond W78E858_06 Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
W78E858
Publication Release Date: November 6, 2006
- 9 -
Revision A7
mov
dptr,#EEPROM_BASE+55h
mov
a,#aah
movx
@dptr,a
mov
dptr,#EEPROM_BASE+2ah
mov
a,#55h
movx
@dptr,a
mov
dptr,#EEPROM_BASE+55h
mov
a,#20h
movx
@dptr,a
call
busy_waiting
ret
;-----------------------------------------------------------------
eeprom_erase:
mov
dptr,#EEPROM_BASE+55h
mov
a,#aah
movx
@dptr,a
mov
dptr,#EEPROM_BASE+2ah
mov
a,#55h
movx
@dptr,a
mov
dptr,#EEPROM_BASE+55h
mov
a,#80h
movx
@dptr,a
mov
dptr,#EEPROM_BASE+55h
mov
a,#aah
movx
@dptr,a
mov
dptr,#EEPROM_BASE+2ah
;a5~a0
mov
a,#55h
movx
@dptr,a
mov
dptr,#EEPROM_BASE+55h
mov
a,#10h
movx
@dptr,a
call
busy_waiting
ret
;-----------------------------------------------------------------
enable_protect:
mov
dptr,#EEPROM_BASE+55h
mov
a,#aah
movx
@dptr,a
mov
dptr,#EEPROM_BASE+2ah
mov
a,#55h
movx
@dptr,a
mov
dptr,#EEPROM_BASE+55h
mov
a,#a0h
movx
@dptr,a
ret
;-----------------------------------------------------------------
busy_waiting:
$wait1:
mov
a,mxpsr
jnb
acc.7,$wait1
$wait0:
mov
a,mxpsr
jb
acc.7,$wait0
ret


Similar Part No. - W78E858_06

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E858 WINBOND-W78E858 Datasheet
1Mb / 33P
   8 BIT MICROCONTROLLER
logo
List of Unclassifed Man...
W78E858 ETC2-W78E858 Datasheet
247Kb / 35P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78E858 NUVOTON-W78E858 Datasheet
247Kb / 35P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78E858_06

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com