Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78E058B40FL Datasheet(PDF) 7 Page - Winbond

Part # W78E058B40FL
Description  8-BIT MICROCONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78E058B40FL Datasheet(HTML) 7 Page - Winbond

Back Button W78E058B40FL Datasheet HTML 3Page - Winbond W78E058B40FL Datasheet HTML 4Page - Winbond W78E058B40FL Datasheet HTML 5Page - Winbond W78E058B40FL Datasheet HTML 6Page - Winbond W78E058B40FL Datasheet HTML 7Page - Winbond W78E058B40FL Datasheet HTML 8Page - Winbond W78E058B40FL Datasheet HTML 9Page - Winbond W78E058B40FL Datasheet HTML 10Page - Winbond W78E058B40FL Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
W78E58B/W78E058B
Publication Release Date: December 4, 2006
- 7 -
Revision A8
5.3 Clock
The W78E058B is designed with either a crystal oscillator or an external clock. Internally, the clock is
divided by two before it is used by default. This makes the W78E058B relatively insensitive to duty
cycle variations in the clock.
5.4 Crystal Oscillator
The W78E058B incorporates a built-in crystal oscillator. To make the oscillator work, a crystal must be
connected across pins XTAL1 and XTAL2. In addition, a load capacitor must be connected from each
pin to ground.
5.5 External Clock
An external clock should be connected to pin XTAL1. Pin XTAL2 should be left unconnected. The
XTAL1 input is a CMOS-type input, as required by the crystal oscillator.
5.6 Power Management
Idle Mode
Setting the IDL bit in the PCON register enters the idle mode. In the idle mode, the internal clock to
the processor is stopped. The peripherals and the interrupt logic continue to be clocked. The
processor will exit idle mode when either an interrupt or a reset occurs.
Power-down Mode
When the PD bit in the PCON register is set, the processor enters the power-down mode. In this
mode all of the clocks are stopped, including the oscillator. To exit from power-down mode is by a
hardware reset or external interrupts INT0 to INT1 when enabled and set to level triggered.
5.7 Reduce EMI Emission
The W78E058B allows user to diminish the gain of on-chip oscillator amplifier by using programmer to
clear the B7 bit of security register. Once B7 is set to 0, a half of gain will be decreased. Care must be
taken if user attempts to diminish the gain of oscillator amplifier, reducing a half of gain may affect the
external crystal operating improperly at high frequency. The value of C1 and C2 may need some
adjustment while running at lower gain.
5.8 Reset
The external RESET signal is sampled at S5P2. To take effect, it must be held high for at least two
machine cycles while the oscillator is running. An internal trigger circuit in the reset line is used to
deglitch the reset line when the W78E058B is used with an external RC network. The reset logic also
has a special glitch removal circuit that ignores glitches on the reset line. During reset, the ports are
initialized to FFH, the stack pointer to 07H, PCON (with the exception of bit 4) to 00H, and all of the
other SFR registers except SBUF to 00H. SBUF is not reset.


Similar Part No. - W78E058B40FL

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W78E058D NUVOTON-W78E058D Datasheet
857Kb / 90P
   8-BIT MICROCONTROLLER
W78E058DDG NUVOTON-W78E058DDG Datasheet
857Kb / 90P
   8-BIT MICROCONTROLLER
W78E058DFG NUVOTON-W78E058DFG Datasheet
857Kb / 90P
   8-BIT MICROCONTROLLER
W78E058DLG NUVOTON-W78E058DLG Datasheet
857Kb / 90P
   8-BIT MICROCONTROLLER
W78E058DPG NUVOTON-W78E058DPG Datasheet
857Kb / 90P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78E058B40FL

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com