Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5LC512K8 Datasheet(PDF) 6 Page - Austin Semiconductor

Part # AS5LC512K8
Description  512K x 8 SRAM 3.3 VOLT HIGH SPEED SRAM with CENTER POWER PINOUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5LC512K8 Datasheet(HTML) 6 Page - Austin Semiconductor

Back Button AS5LC512K8 Datasheet HTML 2Page - Austin Semiconductor AS5LC512K8 Datasheet HTML 3Page - Austin Semiconductor AS5LC512K8 Datasheet HTML 4Page - Austin Semiconductor AS5LC512K8 Datasheet HTML 5Page - Austin Semiconductor AS5LC512K8 Datasheet HTML 6Page - Austin Semiconductor AS5LC512K8 Datasheet HTML 7Page - Austin Semiconductor AS5LC512K8 Datasheet HTML 8Page - Austin Semiconductor AS5LC512K8 Datasheet HTML 9Page - Austin Semiconductor AS5LC512K8 Datasheet HTML 10Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS5LC512K8
Austin Semiconductor, Inc.
AS5LC512K8
Rev. 1.0 7/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
6
LOW V
CC DATA RETENTION WAVEFORM
READ CYCLE NO. 11, 2
(Address Controlled, CE\ = OE\ = V
IL, WE\ = VIH)
READ CYCLE NO. 2
(WE\ = V
IH)
1234
1234
1234
1234
1234
Don’t Care
Undefined
123456
123456
123456
123456
123456
123456789012345
123456789012345
123456789012345
123456789012345
123456789012345
123456789012345
123456789012345
123456789012345
12345
12345
12345
12345
12345
12345
12345
12345
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
123456789012345
123456789012345
123456789012345
123456789012345
123456789012345
123456789012345
123456789012345
123456789012345
1234
1234
1234
1234
1234
1234
1234
1234
123456
123456
123456
123456
123456
123456
123456
123456
DATA RETENTION MODE
4.5V
4.5V
V
DR > 2V
V
DR
t
CDR
t
R
V
CC
CE\
V
IH-
V
IL-
ADDRESS
t
RC
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901
12
12
12
12
12
12
12
12
12
12
12
t
OH
t
AA
Previous Data Valid
Data Valid
I/O, DATA IN
& OUT
VALID
ADDRESS
t
RC
t
AOE
CE\
t
LZOE
t
ACE
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
12345
12345
12345
12345
12345
12345
1
1
1
1
1
1
1
1
1
1
1
1
Data Valid
High-Z
t
HZOE
t
HZCE
t
PD
I/O, DATA IN
& OUT
Icc
t
LZCE
t
PU
NOTES:
1. WE\ is HIGH for READ cycle.
2. Device is continuously selected. Chip enables and output enables are held in their
active state.


Similar Part No. - AS5LC512K8

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5LC512K8 AUSTIN-AS5LC512K8 Datasheet
306Kb / 13P
   512K x 8 SRAM 3.3 VOLT HIGH SPEED SRAM with CENTER POWER PINOUT
logo
Micross Components
AS5LC512K8 MICROSS-AS5LC512K8 Datasheet
588Kb / 13P
   Ultra High Speed Asynchronous Operation
logo
Austin Semiconductor
AS5LC512K8DJ-12L/883C AUSTIN-AS5LC512K8DJ-12L/883C Datasheet
306Kb / 13P
   512K x 8 SRAM 3.3 VOLT HIGH SPEED SRAM with CENTER POWER PINOUT
AS5LC512K8DJ-12L/IT AUSTIN-AS5LC512K8DJ-12L/IT Datasheet
306Kb / 13P
   512K x 8 SRAM 3.3 VOLT HIGH SPEED SRAM with CENTER POWER PINOUT
AS5LC512K8DJ-12L/XT AUSTIN-AS5LC512K8DJ-12L/XT Datasheet
306Kb / 13P
   512K x 8 SRAM 3.3 VOLT HIGH SPEED SRAM with CENTER POWER PINOUT
More results

Similar Description - AS5LC512K8

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5LC512K8 AUSTIN-AS5LC512K8_09 Datasheet
306Kb / 13P
   512K x 8 SRAM 3.3 VOLT HIGH SPEED SRAM with CENTER POWER PINOUT
AS5C512K8 AUSTIN-AS5C512K8 Datasheet
416Kb / 16P
   512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
AS5C512K8 AUSTIN-AS5C512K8_08 Datasheet
242Kb / 17P
   512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
AS5LC1008 AUSTIN-AS5LC1008 Datasheet
121Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC1008 AUSTIN-AS5LC1008_05 Datasheet
527Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
logo
Aeroflex Circuit Techno...
UT7Q512 AEROFLEX-UT7Q512 Datasheet
107Kb / 16P
   512K x 8 SRAM
logo
Lyontek Inc.
LY61L5128 LYONTEK-LY61L5128 Datasheet
233Kb / 15P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128A LYONTEK-LY61L5128A_13 Datasheet
242Kb / 11P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128A LYONTEK-LY61L5128A_16 Datasheet
500Kb / 12P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128 LYONTEK-LY61L5128_10 Datasheet
325Kb / 15P
   512K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com