Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8E32K32 Datasheet(PDF) 6 Page - Austin Semiconductor

Part # AS8E32K32
Description  32K x 32 EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8E32K32 Datasheet(HTML) 6 Page - Austin Semiconductor

Back Button AS8E32K32 Datasheet HTML 2Page - Austin Semiconductor AS8E32K32 Datasheet HTML 3Page - Austin Semiconductor AS8E32K32 Datasheet HTML 4Page - Austin Semiconductor AS8E32K32 Datasheet HTML 5Page - Austin Semiconductor AS8E32K32 Datasheet HTML 6Page - Austin Semiconductor AS8E32K32 Datasheet HTML 7Page - Austin Semiconductor AS8E32K32 Datasheet HTML 8Page - Austin Semiconductor AS8E32K32 Datasheet HTML 9Page - Austin Semiconductor AS8E32K32 Datasheet HTML 10Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AS8E32K32
REV. 1.5 9/99
AUSTIN SEMICONDUCTOR, INC.
Austin Semiconductor, Inc., reserves the right to change products or specifications without notice.
6
AS8E32K32
32K x 32 EEPROM
tDH
tDS
tWPH
tWPH
tWP
tWP
tCH
tCS
tWC
tAH
tWC
tAS
tOEH
tOES
DATA VALID
ADDRESS VALID
OE\
ADDRESS
WE\
CE\
DQ
WRITE CYCLE NO 1.
(Chip Enable Controlled)
AC WRITE CHARACTERISTICS
(-55°C
≤ T
A ≤ 125°C; VCC = 5V ±10%)
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
twc
Write Cycle Time
10
10
10
ms
tAS
Address, OE\ Set-Up time
0
0
0
ns
tAH
Address, Hold time
50
50
50
ns
tCS
Chip Select Set-up Time
0
0
0
ns
tCH
Chip Select Hold Time
0
0
0
ns
tWP
Write Pulse Width (WE\ or CE\)
100
100
100
ns
tDS
Data Set-up Time
50
50
50
ns
tDH
Data Hold Time
0
0
0
ns
tOEH
OE\ Hold time
0
0
0
ns
tOES
OE\ Set-up time
0
0
0
ns
tWPH
Write Pulse Width High
50
50
50
ns
-90
-120
-150


Similar Part No. - AS8E32K32

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8E128K32 AUSTIN-AS8E128K32 Datasheet
396Kb / 13P
   128K x 32 EEPROM Memory Array
AS8E128K32 AUSTIN-AS8E128K32 Datasheet
287Kb / 13P
   128K x 32 EEPROM EEPROM Memory Array
logo
Micross Components
AS8E128K32 MICROSS-AS8E128K32 Datasheet
240Kb / 15P
   Low power CMOS
logo
Austin Semiconductor
AS8E128K32N-120/883C AUSTIN-AS8E128K32N-120/883C Datasheet
287Kb / 13P
   128K x 32 EEPROM EEPROM Memory Array
AS8E128K32N-120/IT AUSTIN-AS8E128K32N-120/IT Datasheet
287Kb / 13P
   128K x 32 EEPROM EEPROM Memory Array
More results

Similar Description - AS8E32K32

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T35L3232B TMT-T35L3232B Datasheet
261Kb / 19P
   32K x 32 SRAM
logo
Maxwell Technologies
28C256T MAXWELL-28C256T Datasheet
283Kb / 14P
   256K EEPROM (32K x 8-Bit) EEPROM
logo
ATMEL Corporation
AT28C256-15PU ATMEL-AT28C256-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256 ATMEL-AT28C256_08 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
logo
Austin Semiconductor
AS8E128K32 AUSTIN-AS8E128K32_05 Datasheet
287Kb / 13P
   128K x 32 EEPROM EEPROM Memory Array
logo
ATMEL Corporation
AT28C256E-15PU ATMEL-AT28C256E-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
logo
GSI Technology
GS81032AT GSI-GS81032AT Datasheet
759Kb / 23P
   32K x 32 1M Synchronous Burst SRAM
logo
Integrated Silicon Solu...
IS61LV632A ISSI-IS61LV632A Datasheet
122Kb / 16P
   32K x 32 SYNCHRONOUS FAST STATIC RAM
logo
Integrated Circuit Solu...
IS61C632A ICSI-IS61C632A Datasheet
486Kb / 16P
   32K x 32 SYNCHRONOUS PIPELINED STATIC RAM
logo
ATMEL Corporation
AT28HC256N ATMEL-AT28HC256N Datasheet
230Kb / 13P
   256 (32K x 8) High-speed Parallel EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com