Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8ER128K32 Datasheet(PDF) 11 Page - Austin Semiconductor

Part # AS8ER128K32
Description  128K x 32 EEPROM Radiation Tolerant EEPROM Memory Array AVAILABLE AS MILITARY
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8ER128K32 Datasheet(HTML) 11 Page - Austin Semiconductor

Back Button AS8ER128K32_03 Datasheet HTML 7Page - Austin Semiconductor AS8ER128K32_03 Datasheet HTML 8Page - Austin Semiconductor AS8ER128K32_03 Datasheet HTML 9Page - Austin Semiconductor AS8ER128K32_03 Datasheet HTML 10Page - Austin Semiconductor AS8ER128K32_03 Datasheet HTML 11Page - Austin Semiconductor AS8ER128K32_03 Datasheet HTML 12Page - Austin Semiconductor AS8ER128K32_03 Datasheet HTML 13Page - Austin Semiconductor AS8ER128K32_03 Datasheet HTML 14Page - Austin Semiconductor AS8ER128K32_03 Datasheet HTML 15Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
EEPROM
EEPROM
EEPROM
EEPROM
EEPROM
AS8ER128K32
Austin Semiconductor, Inc.
AS8ER128K32
Rev. 4.5 2/03
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
11
End Of
Life
SOFTWARE DATA PROTECTION TIMING WAVEFORM (In non-protection mode)
FUNCTIONAL DESCRIPTION
Automatic Page Write
Page-mode write feature allows 1 to 128 bytes of data to be
written into the EEPROM in a single write cycle. Following
the initial byte cycle, an additional 1 to 128 bytes can be writ-
ten in the same manner. Each additional byte load cycle must
be started within 30µs from the preceding falling edge of WE\
or CE\. When CE\ or WE\ is kept high for 100µs after data
input, the EEPROM enters write mode automatically and the
input data are written into the EEPROM.
DATA\ Polling
DATA\ polling allows the status of the EEPROM to be deter-
mined. If EEPROM is set to read mode during the write cycle,
an inversion of the last byte of data to be loaded outputs from
I/O's 7, 15, 23, and 31 to indicate that the EEPROM is per-
forming a write operation.
RDY/Busy\ Signal
RDY/Busy\ signal also allows status of the EEPROM to be
determined. The RDY/Busy\ signal has high impedance ex-
cept in write cycle and is lowered to V
OL
after the first write
signal. At the end of write cycle, the RDY/Busy\ signal changes
state to high impedance.
RES\ Signal
When RES\ is low, the EEPROM cannot be read or pro-
grammed. Therefore, data can be protected by keeping RES\
low when V
CC
is switched. RES\ should be high during read
and programming because it doesn't provide a latch function.
See timing diagram below.
Program inhibit
Program inhibit
Read inhibit
Read inhibit
V
CC
RES\
RES\ Signal Diagram
t
WC
Address
Data (each byte)
5555
AA
AAAA
or
2AAA
55
5555
80
AAAA
or
2AAA
55
V
CC
CE\
WE\
5555
AA
5555
20
Normal
active mode


Similar Part No. - AS8ER128K32_03

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8ER128K32 AUSTIN-AS8ER128K32_05 Datasheet
556Kb / 18P
   128K x 32 Radiation Tolerant EEPROM AVAILABLE AS MILITARY SPECIFICATIONS
More results

Similar Description - AS8ER128K32_03

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8ERLC128K32 AUSTIN-AS8ERLC128K32 Datasheet
559Kb / 18P
   128K x 32 Radiation Tolerant EEPROM AVAILABLE AS MILITARY SPECIFICATIONS
AS8ER128K32 AUSTIN-AS8ER128K32_05 Datasheet
556Kb / 18P
   128K x 32 Radiation Tolerant EEPROM AVAILABLE AS MILITARY SPECIFICATIONS
AS8ER128K32 AUSTIN-AS8ER128K32 Datasheet
163Kb / 14P
   128K x 32 EEPROM Radiation Tolerant EEPROM Memory Array
AS8E128K32 AUSTIN-AS8E128K32_05 Datasheet
287Kb / 13P
   128K x 32 EEPROM EEPROM Memory Array
AS8E128K32 AUSTIN-AS8E128K32 Datasheet
396Kb / 13P
   128K x 32 EEPROM Memory Array
AS58LC1001 AUSTIN-AS58LC1001 Datasheet
283Kb / 21P
   128K x 8 EEPROM Radiation Tolerant
AS58C1001 AUSTIN-AS58C1001_02 Datasheet
294Kb / 22P
   128K x 8 EEPROM EEPROM Memory
AS58C1001 AUSTIN-AS58C1001_08 Datasheet
351Kb / 21P
   128K x 8 EEPROM EEPROM Memory
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
   128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
AS8F128K32 AUSTIN-AS8F128K32_07 Datasheet
1Mb / 22P
   128K x 32 FLASH FLASH MEMORY ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com