Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8F128K32 Datasheet(PDF) 5 Page - Austin Semiconductor

Part # AS8F128K32
Description  128K x 32 FLASH FLASH MEMORY ARRAY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8F128K32 Datasheet(HTML) 5 Page - Austin Semiconductor

  AS8F128K32 Datasheet HTML 1Page - Austin Semiconductor AS8F128K32 Datasheet HTML 2Page - Austin Semiconductor AS8F128K32 Datasheet HTML 3Page - Austin Semiconductor AS8F128K32 Datasheet HTML 4Page - Austin Semiconductor AS8F128K32 Datasheet HTML 5Page - Austin Semiconductor AS8F128K32 Datasheet HTML 6Page - Austin Semiconductor AS8F128K32 Datasheet HTML 7Page - Austin Semiconductor AS8F128K32 Datasheet HTML 8Page - Austin Semiconductor AS8F128K32 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
FLASH
FLASH
FLASH
FLASH
FLASH
AS8F128K32
Austin Semiconductor, Inc.
AS8F128K32
Rev. 2.0 5/03
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
Sector Protection/Unprotection
The hardware sector protection feature disables both
program and erase operations in any sector. The hardware
sector unprotection feature re-enables both program and erase
operations in previously protected sectors.
Sector protection/unprotection must be implemented
using programming equipment. The procedure requires a high
voltage (V
ID) on address pin A9 and the control pins.
The device is shipped with all sectors unprotected. It is
possible to determine whether a sector is protected or
unprotected. See “Autoselect Mode” for details.
Hardware Data Protection
The command sequence requirement of unlock cycles for
programming or erasing provides data protection against
inadvertent writes (refer to the Command Definitions table). In
addition, the following hardware data protection measures
prevent accidental erasure or programming, which might
otherwise be caused by spurious system level signals during
V
CC power-up and power-down transitions, or from system
noise.
Low VCC Write Inhibit
When V
CC is less than VLKO, the device does not accept
any write cycles. This protects data during V
CC power-up and
power-down. The command register and all internal program/
erase circuits are disabled, and the device resets. Subsequent
writes are ignored until V
CC is greater than VLKO. The system
must provide the proper signals to the control pins to prevent
unintentional writes when V
CC is greater than VLKO.
Write Pulse “Glitch” Protection
Noise pulses of less than 5 ns (typical) on OE\, CEx\ or
WEx\ do not initiate a write cycle.
Logical Inhibit
Write cycles are inhibited by holding any one of OE\ = V
IL,
CEx\ = V
IH or WEx\ = VIH. To initiate a write cycle, CEx\ and
WEx\ must be a logical zero while OE\ is a logical one.
Power-Up Write Inhibit
If WEx\ = CEx\ = V
IL and OE\ = VIH during power up, the device
does not accept commands on the rising edge of WEx\. The
internal state machine is automatical ly reset to reading array
data on power-up.
TABLE 3: Autoselect Codes (High Voltage Method)
DESCRIPTION
CEx\
OE\
WEx\
A16
to
A14
A13
to
A10
A9
A8 to
A7
A6
A5
to
A2
A1
A0
I/O0 to I/O7
I/O8 to I/O15
I/O16 to I/O23
I/O24 to I/O31
Manufacturer ID: AMD
LL
H
X
X
VID
XL
X
L
L
01h
Device ID: AM29F010B
LL
H
X
X
VID
XL
X
L
H
20h
01h (protected)
00h
(unprotected)
Sector Protection Verification
LL
H
SA
X
VID
XL
X
H
L
LEGEND:
L = Logic Low = V
IL, H = Logic High = VIH, SA = Sector Address, X = Don’t care.


Similar Part No. - AS8F128K32

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8F128K32 AUSTIN-AS8F128K32 Datasheet
1Mb / 22P
   128K x 32 FLASH FLASH MEMORY ARRAY
logo
Micross Components
AS8F128K32 MICROSS-AS8F128K32 Datasheet
560Kb / 22P
   Supports Full Chip Erase
logo
Austin Semiconductor
AS8F128K32Q-120/883C AUSTIN-AS8F128K32Q-120/883C Datasheet
1Mb / 22P
   128K x 32 FLASH FLASH MEMORY ARRAY
AS8F128K32Q-120/IT AUSTIN-AS8F128K32Q-120/IT Datasheet
1Mb / 22P
   128K x 32 FLASH FLASH MEMORY ARRAY
AS8F128K32Q-120/Q AUSTIN-AS8F128K32Q-120/Q Datasheet
1Mb / 22P
   128K x 32 FLASH FLASH MEMORY ARRAY
More results

Similar Description - AS8F128K32

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8F128K32 AUSTIN-AS8F128K32_07 Datasheet
1Mb / 22P
   128K x 32 FLASH FLASH MEMORY ARRAY
AS8F512K32 AUSTIN-AS8F512K32_07 Datasheet
296Kb / 23P
   512K x 32 FLASH FLASH MEMORY ARRAY
AS8F512K32 AUSTIN-AS8F512K32_03 Datasheet
242Kb / 12P
   512K x 32 FLASH FLASH MEMORY ARRAY
AS8SF384K32 AUSTIN-AS8SF384K32 Datasheet
195Kb / 14P
   128K x 16 SRAM & 512K x 16 FLASH SRAM / FLASH MEMORY ARRAY
AS8E128K32 AUSTIN-AS8E128K32 Datasheet
396Kb / 13P
   128K x 32 EEPROM Memory Array
AS8F1M32 AUSTIN-AS8F1M32 Datasheet
280Kb / 10P
   1M x 32 FLASH FLASH MEMORY MODULE
AS8F2M32 AUSTIN-AS8F2M32 Datasheet
390Kb / 12P
   2M x 32 FLASH FLASH MEMORY MODULE
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com