Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K3500GDM Datasheet(PDF) 1 Page - MTRONPTI

Part # K3500GDM
Description  8 pin DIP, 3.3 Volt, CMOS, Clock Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

K3500GDM Datasheet(HTML) 1 Page - MTRONPTI

  K3500GDM Datasheet HTML 1Page - MTRONPTI K3500GDM Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
Revision: 03-02-07
THIS PRODUCT IS NOT RECOMMENDED FOR NEW DESIGNS.
PLEASE REFER TO THE M3H PRODUCT SERIES.
K3500G Series
8 pin DIP, 3.3 Volt, CMOS, Clock Oscillator
4-pin Package, Compatible with 8-pin DIL
1.0MHz to 70MHz Frequency Range
CMOS Compatible
Tight Symmetry (45/55%) Available
Tri-State Option Available
±100ppm Stability Standard - K3500GC
Tighter Stabilities Available
±25ppm Stability:- K3500GA
±50ppm Stability:- K3500GB
Case Ground for EMI Protection
2553 N. Edgington Street, Franklin Park, IL 60131
Phone: 847.451.1000
Fax: 847.451.7585
800-888-1499 or www.champtech.com
1
MODEL
K3500GA
Frequency Range (MHz)
1.0 to 125
Frequency Stability (ppm)
Overall
Inclusive of calibration, temperature, voltage, load, shock,vibration, aging
0°C to 70°C
±25
Temperature Range (°C)
Operating
-40°C to +85°C
Storage
-55°C to +125°C
Supply Voltage (V)
+3.3 ±5%
Supply Current (mA)
<30
Symmetry (%)
40/60
ELECTRICAL SPECIFICATIONS
Start up Time (ms)
<10
PART NUMBERING GUIDE
K3500GXXXX - Specify Frequency
“Blank” = Fixed Frequency
“E” = Tri-State
“Blank” = 0oC to 70oC Operating Temperature
“M” = -40oC to 85oC Operating Temperature
“Blank” = 40/60% Symmetry
“S” = 45/55 Symmetry
“A” ±25ppm Frequency Stability (Available 0/70oC only)
“B” = ±50 ppm Frequency Stability
“C” = ±100ppm Frequency Stability
“D” = ±20ppm Frequency Stability
K3500G Series
3.3V Crystal Clock Oscillators
����
��
�����
����
�����
�����
���
���
���
���
��
����
���
���
��
���
���
���
���
�����
Output CMOS
“0” Level (VOL)
0.9 VCC
“1” Level (VOH)
0.1 VCC
Load
Up to 80MHz 50pF; >80MHz 30pF
TR & TF (ns)
<10
Jitter (Typical)
10ps RMS @ 100MHz
-40°C to 85°C
K3500GC
K3500GB
±50
±100
±50
±100
N/A


Similar Part No. - K3500GDM

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
K3500G MTRONPTI-K3500G Datasheet
414Kb / 2P
   3.3V Crystal Clock Oscillators
K3500GA MTRONPTI-K3500GA Datasheet
414Kb / 2P
   3.3V Crystal Clock Oscillators
K3500GB MTRONPTI-K3500GB Datasheet
414Kb / 2P
   3.3V Crystal Clock Oscillators
K3500GC MTRONPTI-K3500GC Datasheet
414Kb / 2P
   3.3V Crystal Clock Oscillators
More results

Similar Description - K3500GDM

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M3EH_0611 MTRONPTI-M3EH_0611 Datasheet
188Kb / 1P
   8 pin DIP, 3.3 Volt, ECL/PECL, Clock Oscillator
M3EH MTRONPTI-M3EH Datasheet
214Kb / 1P
   8 pin DIP, 3.3 Volt, ECL/PECL, Clock Oscillator
K500 MTRONPTI-K500_08 Datasheet
249Kb / 1P
   8 pin DIP, 5.0 Volt, CMOS/TTL, Clock Oscillator
K500 MTRONPTI-K500_07 Datasheet
190Kb / 1P
   8 pin DIP, 5.0 Volt, CMOS/TTL, Clock Oscillator
K500F MTRONPTI-K500F Datasheet
279Kb / 2P
   8 pin DIP, 5.0 Volt, CMOS/TTL, Clock Oscillator
K500 MTRONPTI-K500 Datasheet
214Kb / 1P
   8 pin DIP, 5.0 Volt, CMOS/TTL, Clock Oscillator
M3H MTRONPTI-M3H Datasheet
251Kb / 1P
   8 pin DIP, 5.0 or 3.3 Volt, HCMOS/TTL Clock Oscillator
M3H_0611 MTRONPTI-M3H_0611 Datasheet
229Kb / 1P
   8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
M3H MTRONPTI-M3H_07 Datasheet
393Kb / 1P
   8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
M3E MTRONPTI-M3E Datasheet
213Kb / 1P
   14 pin DIP, 3.3 Volt, ECL/PECL, Clock Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com