Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MT5C1008LL Datasheet(HTML) 3 Page - Austin Semiconductor

Part No. MT5C1008LL
Description  128K x 8 SRAM WITH DUAL CHIP ENABLE ULTRA LOW POWER
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AUSTIN [Austin Semiconductor]
Homepage  http://www.austinsemiconductor.com
Logo 

MT5C1008LL Datasheet(HTML) 3 Page - Austin Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 10 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
MT5C1008(LL)
Ultra Low Power
Austin Semiconductor, Inc.
MT5C1008(LL)
Rev. 1.0 7/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage Range on Vcc to Relative GND
1..-0.5V to +7.0V
Storage Temperature .............................................-65
°C to +150°C
Ambient Temperature with Power Applied........-55°C to +125°C
DC Voltage Applied to Outputs
in High Z State
1.................................................-0.5V to Vcc + 0.5V
DC Input Voltage
1.............................................-0.5V to Vcc + 0.5V
*Stresses at or greater than those listed under "Absolute Maxi-
mum Ratings" may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions above those indicated
in the operation section of this specification is not implied.
Exposure to absolute maximum rating conditions for extended
periods will affect reliability. Refer to page 17 of this data sheet
for a technical note on this subject.
** Junction temperature depends upon package type, cycle
time, loading, ambient temperature and airflow, and humidity.
PARAMETER
CONDITIONS
SYM
MIN
MAX
UNITS
NOTES
Output HIGH Voltage
Vcc = MIN, IOH = -4.0 mA
VOH
2.4
V
Output LOW Voltage
Vcc = MIN, IOL = 8.0 mA
VOL
0.4
V
Input HIGH Voltage
VIH
2.2
VCC+0.3
V
Input LOW Voltage
VIL
-0.3
0.8
V
1
Input Load Current
GND < VI < Vcc
IIX
-10
+10
µA
Output Leakage Current
GND < VI < Vcc,
Output Disabled
IOZ
-10
+10
µA
Vcc Operating Supply
Current
Vcc = MAX, IOUT = 0 mA
f = f = 1/tRC
ICC
130
mA
Automatic CE Power-
Down Current - TTL
Inputs
MAX Vcc, CE1\ > VIH or
CE2 < VIL, VIN > VIH or
VIN < VIL, f = fMAX
ISB1
4mA
Automatic CE Power-
Down Current - CMOS
Inputs
MAX Vcc, CE1\ > Vcc - 0.3V, or
CE2 < 0.3V, VIN > Vcc - 0.3V, or
VIN < 0.3V, f = 0
ISB2
0.6
mA
-30
ELECTRICAL CHARACTERISTICS AND RECOMMENDED OPERATING CONDITIONS
(-55oC < T
C < 125
oC; V
CC = 5.0V +10%)
NOTES:
1. VIL(MIN) = -2.0V for pulse durations of less than 20ns.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn