Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

403CNQ100PBF Datasheet(PDF) 5 Page - International Rectifier

Part # 403CNQ100PBF
Description  SCHOTTKY RECTIFIER 400 Amp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

403CNQ100PBF Datasheet(HTML) 5 Page - International Rectifier

  403CNQ100PBF Datasheet HTML 1Page - International Rectifier 403CNQ100PBF Datasheet HTML 2Page - International Rectifier 403CNQ100PBF Datasheet HTML 3Page - International Rectifier 403CNQ100PBF Datasheet HTML 4Page - International Rectifier 403CNQ100PBF Datasheet HTML 5Page - International Rectifier 403CNQ100PBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
403CNQ100PbF
5
Bulletin PD-21111 12/05
www.irf.com
Conforms to JEDEC Outline TO-244
Dimensions in millimeters and (inches)
Outline Table
Ordering Information Table
Device Code
1
5
24
3
1
-
Average Current Rating (x 10)
2
-
Product Silicon Identification
3
-
C = Circuit Configuration
4
-
N = NOt Isolated
5
-
Q = Schottky Rectifier Diode
6
-
Voltage Rating (100 = 100V)
7
-
Lead-Free
40
3
C
N
Q
100 PbF
6
7


Similar Part No. - 403CNQ100PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
403CNQ100PBF VISHAY-403CNQ100PBF Datasheet
116Kb / 6P
   Schottky Rectifier, 400 A
Revision: 29-Apr-08
403CNQ100PBF VISHAY-403CNQ100PBF_13 Datasheet
126Kb / 7P
   Schottky Rectifier, 400 A
Revision: 29-Apr-08
More results

Similar Description - 403CNQ100PBF

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR40020CT MCC-MBR40020CT Datasheet
132Kb / 3P
   400 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
Vishay Siliconix
400CNQ045PBF VISHAY-400CNQ045PBF Datasheet
114Kb / 6P
   Schottky Rectifier, 400 A
Revision: 29-Apr-08
VSKCS403 VISHAY-VSKCS403 Datasheet
157Kb / 6P
   Schottky Rectifier, 400 A
Revision: 24-Apr-08
VSKCS408 VISHAY-VSKCS408 Datasheet
158Kb / 6P
   Schottky Rectifier, 400 A
Revision: 24-Apr-08
409CNQPBF VISHAY-409CNQPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 400 A
Revision: 29-Apr-08
VSKCS409 VISHAY-VSKCS409 Datasheet
161Kb / 6P
   Schottky Rectifier, 400 A
Revision: 27-Oct-08
VSKJS403 VISHAY-VSKJS403 Datasheet
158Kb / 6P
   Schottky Rectifier, 400 A
Revision: 25-Apr-08
logo
Nell Semiconductor Co.,...
NKSD400-100 NELLSEMI-NKSD400-100 Datasheet
384Kb / 6P
   Schottky Rectifier, 400 A
logo
Vishay Siliconix
403CMQ100 VISHAY-403CMQ100 Datasheet
113Kb / 7P
   Schottky Rectifier, 400 A
Revision: 19-Nov-09
409CNQ135PBF VISHAY-409CNQ135PBF_12 Datasheet
126Kb / 7P
   Schottky Rectifier, 400 A
Revision: 29-Apr-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com