Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLML6302PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRLML6302PBF
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML6302PBF Datasheet(HTML) 5 Page - International Rectifier

  IRLML6302PBF Datasheet HTML 1Page - International Rectifier IRLML6302PBF Datasheet HTML 2Page - International Rectifier IRLML6302PBF Datasheet HTML 3Page - International Rectifier IRLML6302PBF Datasheet HTML 4Page - International Rectifier IRLML6302PBF Datasheet HTML 5Page - International Rectifier IRLML6302PBF Datasheet HTML 6Page - International Rectifier IRLML6302PBF Datasheet HTML 7Page - International Rectifier IRLML6302PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRLML6302PbF
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10a. Switching Time Test Circuit
Fig 10b. Switching Time Waveforms
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
VDD
RG
D.U.T.
Fig 9a. Basic Gate Charge Waveform
QG
QGS
QGD
VG
Charge
Fig 9b. Gate Charge Test Circuit
-4.5V
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
-4.5V
0.1
1
10
100
1000
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJA
A
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)


Similar Part No. - IRLML6302PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML6302PBF IRF-IRLML6302PBF Datasheet
251Kb / 9P
   ULTRA LOW ON RESISFANCE
IRLML6302PBF-1 IRF-IRLML6302PBF-1 Datasheet
241Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6302PBF-1 IRF-IRLML6302PBF-1_15 Datasheet
241Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6302PBF IRF-IRLML6302PBF_07 Datasheet
285Kb / 8P
   technology, Ultra Low On-Resistance, P-Channel MOSFET
IRLML6302PBF IRF-IRLML6302PBF_15 Datasheet
251Kb / 9P
   ULTRA LOW ON RESISFANCE
More results

Similar Description - IRLML6302PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com