Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1PS75SB45 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 1PS75SB45
Description  General-purpose Schottky diodes
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS75SB45 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 1PS75SB45 Datasheet HTML 3Page - NXP Semiconductors 1PS75SB45 Datasheet HTML 4Page - NXP Semiconductors 1PS75SB45 Datasheet HTML 5Page - NXP Semiconductors 1PS75SB45 Datasheet HTML 6Page - NXP Semiconductors 1PS75SB45 Datasheet HTML 7Page - NXP Semiconductors 1PS75SB45 Datasheet HTML 8Page - NXP Semiconductors 1PS75SB45 Datasheet HTML 9Page - NXP Semiconductors 1PS75SB45 Datasheet HTML 10Page - NXP Semiconductors 1PS75SB45 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
BAS40_1PSXXSB4X_SER_7
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 07 — 12 May 2006
7 of 21
Philips Semiconductors
BAS40 series; 1PSxxSB4x series
General-purpose Schottky diodes
6.
Thermal characteristics
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Reflow soldering is the only recommended soldering method.
[3]
Soldering point at pins 2, 3, 5 and 6.
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per device
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1]
SOT23
-
-
500
K/W
SOT143B
-
-
500
K/W
SOT363 (1PS88SB48)
-
-
416
K/W
SOT416
-
-
833
K/W
SOT666 (BAS40-05V)
[2] -
-
225
K/W
SOT666 (BAS40-07V)
[2] -
-
416
K/W
SOD123F
[2] -
-
330
K/W
SOD323
-
-
450
K/W
SOD523
[2] -
-
450
K/W
SOD882
[2] -
-
500
K/W
SOT323
-
-
625
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
SOT363 (BAS40XY)
[3] -
-
260
K/W
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VF
forward voltage
[1]
IF = 1 mA
-
-
380
mV
IF = 10 mA
-
-
500
mV
IF =40mA
-
-
1
V
IR
reverse current
VR =30V
-
-
1
µA
VR =40V
-
-
10
µA
Cd
diode capacitance
VR =0V; f=1MHz
-
-
5
pF


Similar Part No. - 1PS75SB45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS75SB45 PHILIPS-1PS75SB45 Datasheet
48Kb / 8P
   Schottky barrier double diode
1999 Apr 26
1PS75SB45 NXP-1PS75SB45 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS75SB45 NXP-1PS75SB45 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS75SB45 NXP-1PS75SB45 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
More results

Similar Description - 1PS75SB45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS40 NXP-BAS40_13 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS70SB40 NXP-1PS70SB40 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
BAS40 PHILIPS-BAS40_15 Datasheet
359Kb / 22P
   General-purpose Schottky diodes
Rev. 9-18 March 2015
BAS70 PHILIPS-BAS70_15 Datasheet
235Kb / 20P
   General-purpose Schottky diodes
Rev. 09-13 January 2010
BAS40-06 NXP-BAS40-06 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
BAS70 PHILIPS-BAS70_06 Datasheet
137Kb / 20P
   General-purpose Schottky diodes
Rev. 08-4 May 2006
1PS76SB70 NXP-1PS76SB70 Datasheet
224Kb / 20P
   General-purpose Schottky diodes
Rev. 09-13 January 2010
logo
Skyworks Solutions Inc.
SMS3922 SKYWORKS-SMS3922 Datasheet
1Mb / 12P
   Surface Mount General Purpose Schottky Diodes
logo
Microsemi Corporation
GC9700 MICROSEMI-GC9700 Datasheet
130Kb / 2P
   SCHOTTKY BARRIER DIODES General Purpose TM
logo
Agilent(Hewlett-Packard...
1N5711 HP-1N5711 Datasheet
56Kb / 6P
   Schottky Barrier Diodes for General Purpose Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com