Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6107A230 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6107A230
Description  CMOS Voltage Detector
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6107A230 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6107A230 Datasheet HTML 1Page - Torex Semiconductor XC6107A230 Datasheet HTML 2Page - Torex Semiconductor XC6107A230 Datasheet HTML 3Page - Torex Semiconductor XC6107A230 Datasheet HTML 4Page - Torex Semiconductor XC6107A230 Datasheet HTML 5Page - Torex Semiconductor XC6107A230 Datasheet HTML 6Page - Torex Semiconductor XC6107A230 Datasheet HTML 7Page - Torex Semiconductor XC6107A230 Datasheet HTML 8Page - Torex Semiconductor XC6107A230 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2/26
XC6101~XC6107, XC6111~XC6117 Series
PIN NUMBER
XC6101, XC6102
XC6103
XC6104, XC6105 XC6106, XC6107
XC6111, XC6112
XC6113
XC6114, XC6115 XC6116, XC6117
SOT-25 USP-6C SOT-25 USP-6C SOT-25 USP-6C SOT-25 USP-6C
PIN NAME
FUNCTION
1
4
-
-
1
4
1
4
RESETB
Reset Output
(VDFL: Low Level When Detected)
2
5
2
5
2
5
2
5
VSS
Ground
3
2
3
2
-
-
4
1
MRB
Manual Reset
4
1
4
1
4
1
-
-
WD
Watchdog
5
6
5
6
5
6
5
6
VIN
Power Input
-
-
1
4
3
2
3
2
RESET
Reset Output
(VDFH: High Level When Detected)
PIN CONFIGURATION
SOT-25 (TOP VIEW)
MRB
VIN
WD
5
RESETB
VSS
4
12
3
MRB
WD
5
RESET
VSS
4
12
3
VIN
RESET
WD
5
RESETB
VSS
4
12
3
VIN
SOT-25 (TOP VIEW)
RESET
MRB
5
RESETB
VSS
4
12
3
VIN
SOT-25 (TOP VIEW)
PIN ASSIGNMENT
SOT-25
XC6101, XC6102 Series
XC6111, XC6112 Series
SOT-25 (TOP VIEW)
XC6103 & XC6113 Series
XC6104, XC6105 Series
XC6114, XC6115 Series
XC6106, XC6107 Series
XC6116, XC6117 Series
USP-6C
XC6101, XC6102 Series
XC6111, XC6112 Series
XC6103 & XC6113 Series
XC6104, XC6105 Series
XC6114, XC6115 Series
XC6106, XC6107 Series
XC6116, XC6117 Series
USP-6C (BOTTOM VIEW)
USP-6C (BOTTOM VIEW)
USP-6C (BOTTOM VIEW)
USP-6C (BOTTOM VIEW)
* The dissipation pad for the USP-6C package should be
solder-plated in recommended mount pattern and metal
masking so as to enhance mounting strength and heat
release. If the pad needs to be connected to other pins, it
should be connected to the VSS pin.


Similar Part No. - XC6107A230

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6101 TOREX-XC6101 Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016EL TOREX-XC610101A016EL Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016ER TOREX-XC610101A016ER Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016ML TOREX-XC610101A016ML Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016MR TOREX-XC610101A016MR Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
More results

Similar Description - XC6107A230

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM97-SERIES ELM-TECH-ELM97-SERIES Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
List of Unclassifed Man...
SCI7700Y ETC2-SCI7700Y Datasheet
59Kb / 8P
   CMOS VOLTAGE DETECTOR
logo
ELM Electronics
ELM97 ELM-ELM97 Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
ELM Technology Corporat...
ELM97 ELM-TECH-ELM97 Datasheet
783Kb / 9P
   CMOS Voltage detector
ELM9709NAB-S ELM-TECH-ELM9709NAB-S Datasheet
105Kb / 9P
   CMOS Voltage detector
ELM77-SERIES ELM-TECH-ELM77-SERIES Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM77221B-S ELM-TECH-ELM77221B-S Datasheet
130Kb / 11P
   CMOS Dual voltage detector
ELM772209BC-S ELM-TECH-ELM772209BC-S Datasheet
1Mb / 10P
   CMOS Dual voltage detector
logo
Impala Linear Corporati...
ILC5140 IMPALA-ILC5140 Datasheet
63Kb / 6P
   CMOS MULTILEVEL VOLTAGE DETECTOR
logo
ELM Electronics
ELM77 ELM-ELM77 Datasheet
1Mb / 10P
   CMOS Dual voltage detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com