Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZVN4206GV Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZVN4206GV
Description  SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZVN4206GV Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZVN4206GV Datasheet HTML 1Page - Zetex Semiconductors ZVN4206GV Datasheet HTML 2Page - Zetex Semiconductors ZVN4206GV Datasheet HTML 3Page - Zetex Semiconductors ZVN4206GV Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ZVN4206GV
VDS-Drain Source Voltage (Volts)
Capacitance v drain-source voltage
Q-Charge (nC)
Gate charge v gate-source voltage
0
10
8
6
2
0
4
12
14
16
VDS=
20V
ID=1.5A
40V 60V
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Coss
Ciss
Crss
0
1020
30
40
50
60
7080
0
120
80
40
160
200
Tj - Junction Temperature (°C)
Maximum repetative avalanche energy
v Junction Temperature
Maximum repetative avalanche current
v Junction Temperature
Tj - Junction Temperature (°C)
Transconductance v drain current
ID- Drain Current (Amps)
Transconductance v gate-source voltage
VGS-Gate Source Voltage (Volts)
0
1
234
5
6
7
8
9
10
VDS=10V
0
300
200
100
400
800
700
600
500
900
1000
01
2
3
4
5
6
7
8
9
10
VDS=10V
0
300
200
100
400
800
700
600
500
900
1000
TYPICAL CHARACTERISTICS


Similar Part No. - ZVN4206GV

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZVN4206GV DIODES-ZVN4206GV Datasheet
86Kb / 4P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4206GVTA DIODES-ZVN4206GVTA Datasheet
86Kb / 4P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Tiger Electronic Co.,Lt...
ZVN4206GVTA TGS-ZVN4206GVTA Datasheet
230Kb / 4P
   SOT223 N-CHANNEL ENHANCEMENT
logo
Diodes Incorporated
ZVN4206GV DIODES-ZVN4206GV_15 Datasheet
682Kb / 6P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results

Similar Description - ZVN4206GV

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZVN4306GV ZETEX-ZVN4306GV Datasheet
118Kb / 4P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVN2106G DIODES-ZVN2106G Datasheet
41Kb / 2P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4424G DIODES-ZVN4424G Datasheet
344Kb / 4P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110G DIODES-ZVN2110G Datasheet
54Kb / 3P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210G DIODES-ZVN4210G Datasheet
48Kb / 3P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4206G DIODES-ZVN4206G Datasheet
58Kb / 4P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4206GV DIODES-ZVN4206GV Datasheet
86Kb / 4P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4206GV DIODES-ZVN4206GV_15 Datasheet
682Kb / 6P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2120GTA DIODES-ZVN2120GTA Datasheet
51Kb / 3P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4206GTA DIODES-ZVN4206GTA Datasheet
58Kb / 4P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210G DIODES-ZVN4210G_15 Datasheet
467Kb / 5P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com