Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

050-453-0000220 Datasheet(PDF) 11 Page - ITT Industries

Part # 050-453-0000220
Description  RF Coaxial Connectors
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

050-453-0000220 Datasheet(HTML) 11 Page - ITT Industries

Back Button 050-453-0000220 Datasheet HTML 7Page - ITT Industries 050-453-0000220 Datasheet HTML 8Page - ITT Industries 050-453-0000220 Datasheet HTML 9Page - ITT Industries 050-453-0000220 Datasheet HTML 10Page - ITT Industries 050-453-0000220 Datasheet HTML 11Page - ITT Industries 050-453-0000220 Datasheet HTML 12Page - ITT Industries 050-453-0000220 Datasheet HTML 13Page - ITT Industries 050-453-0000220 Datasheet HTML 14Page - ITT Industries 050-453-0000220 Datasheet HTML 15Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
115
Assy Insts
RF Coaxial Connectors
Assembly Instructions
AI-129, AI-286 & AI-696
SSMB/SSMC Right Angle Connectors, Crimp Type for Braided Cable
1. Slide heat shrinkable tubing and ferrule on to cable.
2. Trim cable to dimensions shown.
HEAT
SHRINKABLE
TUBING
CRIMP
FERRULE
INSERT OR CAP
REAR BODY
Assembly Instruction No.
A
B
C
AI-129
5,56 (.219)
2,77 (.109)
1,19 (.047)
AI-286
6,35 (.250)
2,77 (.109)
0,79 (.031)
AI-696
6,22 (.245)
2,54 (.100)
1,14 (.045)
3. Tin center conductor (DO NOT OVER TIN).
4. Slide body over cable dielectric and under the braid until braid is flush against under-side of rear
body. Ensure center conductor is located in the forked end of the contact.
NOTE. When using cables with inflexible jackets it is permissible to make two 3,00 (.118)
longitudinal slits in the outer jacket.
5. Slide ferrule flush against the body and crimp in position using ITT Cannon Crimp Tool and suitable
die set (see table).
6. Using a small soldering iron solder center conduct to contact.
NOTE: The center conductor should not protrude beyond the contact or touch the body. Solder
should not protrude beyond the slotted section of the contact.
7. Press insert into place or locate the cap in rear of body and dimple or lightly punch to ensure it is
locked in position (recommended tool, flat pin
X3,07 ± 0,05 (.121 ± .002).
8. Slide heat shrinkable tubing over ferrule flush against body and heat until tubing shrinks down.
Only common cable retention features are shown in detail. Various body configurations can apply.
Cable Type
Cable Code
Die Size
RG196/U
3196
2,67 (.105)
RG316/U
3188
3,25 (.128)
RD316
3875
3,84 (.151)


Similar Part No. - 050-453-0000220

ManufacturerPart #DatasheetDescription
logo
ITT Industries
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
More results

Similar Description - 050-453-0000220

ManufacturerPart #DatasheetDescription
logo
ITT Industries
QT-BNC ITT-QT-BNC Datasheet
62Kb / 1P
   RF Coaxial Connectors
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
F50-A24-3002A90 ITT-F50-A24-3002A90 Datasheet
489Kb / 42P
   RF Coaxial Connectors
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
   Coaxial Connectors
logo
Pasternack Enterprises,...
PE2PB1005 PASTERNACK-PE2PB1005 Datasheet
839Kb / 7P
   RF Coaxial GSG Probe
PE2PB1006 PASTERNACK-PE2PB1006 Datasheet
832Kb / 7P
   RF Coaxial GS Probe
PE2PB1007 PASTERNACK-PE2PB1007 Datasheet
828Kb / 7P
   RF Coaxial GS Probe
logo
DDK Ltd.
PSD-SJ-FCCAV1-SO DDK-PSD-SJ-FCCAV1-SO Datasheet
617Kb / 3P
   Small Coaxial Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com