Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC18T01 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # PC18T01
Description  Cell-based ASIC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC18T01 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button PC18T01 Datasheet HTML 3Page - ATMEL Corporation PC18T01 Datasheet HTML 4Page - ATMEL Corporation PC18T01 Datasheet HTML 5Page - ATMEL Corporation PC18T01 Datasheet HTML 6Page - ATMEL Corporation PC18T01 Datasheet HTML 7Page - ATMEL Corporation PC18T01 Datasheet HTML 8Page - ATMEL Corporation PC18T01 Datasheet HTML 9Page - ATMEL Corporation PC18T01 Datasheet HTML 10Page - ATMEL Corporation PC18T01 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
1389CS–CASIC–06-Nov-06
ATC18 Summary
4.
Basic Analog Cell Library, ANA18lib, ANA25lib, ANA33lib
The Atmel basic analog library makes the following parts available:
• Multiplexer modules
– Multiplexers to minimize cross-talk (for use with high-impedance nodes).
– Multiplexers to minimize ON resistance.
• Analog input and output cells
• Analog power and ground cells
A special set of basic analog I/O cells, ANA25lib (ANA33lib), is available for interfacing with
external 2.5V (3.3V) devices.
5.
General-purpose Analog Cell Library, GPlib
The General-purpose Analog Cell Library (GPlib) is composed of cells performing various ana-
log functions.
Currently available are:
• Regulators
• Power Management Cells
•Op Amps
•Comparators
•ADCs
•DACs
•PLLs
Additional high-performance, complex analog cells can be developed according to specific cus-
tomer requirements.
6.
Oscillator Cell Library, OSC18lib
The Atmel Oscillator Library provides stable clock sources. It comprises five standard oscillators.
The Atmel two-pad oscillators are designed with the Pierce three-point oscillator structure.
For the 32.768 kHz oscillator, the load capacitance must be between 6 pF and 12.5 pF. For
high-frequency oscillators, the load capacitance must be between 15 pF and 20 pF. External
capacitors must be added in order to obtain the correct load capacitance.
Clock output is high at off state (onosc = 0). The oscillators provide a bypass mode (onosc = 0),
clock = not (xin).
Table 6-1 gives the available OSC18lib cells and their major characteristics.
Table 6-1.
Oscillator Cells
Cell Name
Description
OSC18f33K
32.786 kHz crystal
OSC18f9M
9 MHz crystal oscillator
OSC18f16M
16 MHz crystal oscillator
OSC18f27M
27 MHz crystal oscillator


Similar Part No. - PC18T01

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PC180-20H6 PREMO-PC180-20H6 Datasheet
437Kb / 4P
   Common mode chokes with Ferrite cores
PC180-20V6 PREMO-PC180-20V6 Datasheet
437Kb / 4P
   Common mode chokes with Ferrite cores
logo
PREMIER DEVICES, INC.
PC1843DE-21 PDI-PC1843DE-21 Datasheet
64Kb / 1P
   DROP-IN CIRCULATOR
PC1843DE-21H PDI-PC1843DE-21H Datasheet
85Kb / 1P
   DROP-IN CIRCULATOR
PC1843DG-21 PDI-PC1843DG-21 Datasheet
61Kb / 1P
   DROP-IN CIRCULATOR
More results

Similar Description - PC18T01

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATC20 ATMEL-ATC20 Datasheet
97Kb / 11P
   Cell-based ASIC
ATC35 ATMEL-ATC35 Datasheet
110Kb / 14P
   Cell-based ASIC
ATC13 ATMEL-ATC13 Datasheet
143Kb / 12P
   Cell-based ASIC
ATC25 ATMEL-ATC25 Datasheet
88Kb / 11P
   Cell-based ASIC
logo
NEC
CB-C8 NEC-CB-C8 Datasheet
772Kb / 8P
   3-VOLT, 0.5-MICRON CELL-BASED CMOS ASIC
logo
ATMEL Corporation
ATC18M ATMEL-ATC18M Datasheet
115Kb / 8P
   0.18 關m CMOS Cell-based ASIC for Military Use
ATC18 ATMEL-ATC18 Datasheet
437Kb / 5P
   Embedded ASIC Memory Cell
ATC18RHA ATMEL-ATC18RHA Datasheet
268Kb / 20P
   Rad. Hard 0.18 Um CMOS Cell-based ASIC for Space Use
logo
Microchip Technology
ATMX150RHA MICROCHIP-ATMX150RHA Datasheet
224Kb / 22P
   Rad-Hard 150 nm SOI CMOS Cell-based ASIC for Space Use
2021
logo
ATMEL Corporation
ATC18RHA ATMEL-ATC18RHA_08 Datasheet
187Kb / 22P
   Rad. Hard 0.18 關m CMOS Cell-based ASIC for Space Use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com