Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27350PWRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ27350PWRG4
Description  Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ27350PWRG4 Datasheet(HTML) 3 Page - Texas Instruments

  BQ27350PWRG4 Datasheet HTML 1Page - Texas Instruments BQ27350PWRG4 Datasheet HTML 2Page - Texas Instruments BQ27350PWRG4 Datasheet HTML 3Page - Texas Instruments BQ27350PWRG4 Datasheet HTML 4Page - Texas Instruments BQ27350PWRG4 Datasheet HTML 5Page - Texas Instruments BQ27350PWRG4 Datasheet HTML 6Page - Texas Instruments BQ27350PWRG4 Datasheet HTML 7Page - Texas Instruments BQ27350PWRG4 Datasheet HTML 8Page - Texas Instruments BQ27350PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
www.ti.com
2
DEVICE INFORMATION
2.1 AVAILABLE OPTIONS
2.2 PIN DIAGRAM
SE
VEN
TS
NC
PAUTH
AUTH
TOUT
SDATA
NC
SCLK
CELL+
CELL-
VCC
VSS
MRST
SRN
SRP
NC
NC
NC
bq27350
2.3 TERMINAL FUNCTIONS
bq27350
Single Cell Li-Ion Battery Manager
With Impedance Track Fuel Gauge Technology
SLUS754 – MARCH 2007
PACKAGE
TA
TSSOP (PW)(1)
–40
°C to 85°C
bq27350PW
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
TERMINAL
I/O(1)
DESCRIPTION
NAME
NO.
SE
1
I/O
System enable. Open-drain output for controlling LDO enable (active low).
VEN
2
O
Voltage divider enable
TS
3
IA
Thermistor measurement input if external thermistor selected
PAUTH
5
P
Positive supply line for powering optional bq26100
AUTH
6
IO
Signal line for communicating with optional bq26100
TOUT
7
OA
Thermistor power output
SDATA
8
I/O
I2C Interface bidirectional data line (open-drain)
SCLK
10
I/O
I2C Interface clock line (open-drain)
Analog input pin connected to the internal coulomb-counter where SRP is connected to the CELL-
SRP
14
IA
side of the sense resistor
Analog input pin connected to the internal coulomb-counter where SRN is connected to the side of
SRN
15
IA
the sense resistor nearest PACK–
MRST
16
I
Master reset of the bq27350
VSS
17
P
Power ground of the IC
VCC
18
P
Power supply of the IC
CELL–
19
IA
Negative node of differential cell measurement Input
CELL+
20
IA
Positive node of differential cell measurement Input
4, 9, 11,
NC
NA
Pins electrically connected internally, and should be left floating for normal operation.
12, 13
(1)
I/O = Digital Input/Output, IA = Analog Input, OA = Analog Output, P = Power Connection
Submit Documentation Feedback
DEVICE INFORMATION
3


Similar Part No. - BQ27350PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27320 TI1-BQ27320 Datasheet
441Kb / 29P
[Old version datasheet]   Single-Cell CEDV Fuel Gauge
BQ27320YZFR TI1-BQ27320YZFR Datasheet
441Kb / 29P
[Old version datasheet]   Single-Cell CEDV Fuel Gauge
BQ27320YZFT TI1-BQ27320YZFT Datasheet
441Kb / 29P
[Old version datasheet]   Single-Cell CEDV Fuel Gauge
More results

Similar Description - BQ27350PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
logo
Microchip Technology
PS810 MICROCHIP-PS810 Datasheet
664Kb / 46P
   Li Ion Single Cell Fuel Gauge
2006
logo
Texas Instruments
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741YZFR-G1 TI-BQ27741YZFR-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27742-G1 TI1-BQ27742-G1 Datasheet
1Mb / 46P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge with Programmable Hardware Protection
BQ27545-G1 TI1-BQ27545-G1 Datasheet
1Mb / 53P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge For Battery Pack Integration
BQ27541-V200_1004 TI-BQ27541-V200_1004 Datasheet
664Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27743 TI1-BQ27743 Datasheet
624Kb / 42P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge with Programmable Hardware Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com