Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M36P0R9070E0 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M36P0R9070E0
Description  512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36P0R9070E0 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M36P0R9070E0 Datasheet HTML 7Page - STMicroelectronics M36P0R9070E0 Datasheet HTML 8Page - STMicroelectronics M36P0R9070E0 Datasheet HTML 9Page - STMicroelectronics M36P0R9070E0 Datasheet HTML 10Page - STMicroelectronics M36P0R9070E0 Datasheet HTML 11Page - STMicroelectronics M36P0R9070E0 Datasheet HTML 12Page - STMicroelectronics M36P0R9070E0 Datasheet HTML 13Page - STMicroelectronics M36P0R9070E0 Datasheet HTML 14Page - STMicroelectronics M36P0R9070E0 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
M36P0R9070E0
Signal descriptions
11/23
2.10
Flash Reset (RPF)
The Reset input provides a hardware reset of the Flash memories. When Reset is at VIL, the
memory is in Reset mode: the outputs are high impedance and the current consumption is
reduced to the Reset Supply Current IDD2. Refer to the M58PRxxxJ datasheet, for the value
of IDD2. After Reset all blocks are in the Locked state and the Configuration Register is
reset. When Reset is at VIH, the device is in normal operation. Exiting Reset mode the
device enters Asynchronous Read mode, but a negative transition of Chip Enable or Latch
Enable is required to ensure valid data outputs.
The Reset pin can be interfaced with 3V logic without any additional circuitry. It can be tied
to VRPH (refer to the M58PRxxxJ datasheet).
2.11
PSRAM Chip Enable input (EP)
The Chip Enable input activates the PSRAM when driven Low (asserted). When deasserted
(VIH), the device is disabled, and goes automatically in low-power Standby mode or Deep
Power-down mode.
2.12
PSRAM Write Enable (WP)
Write Enable, WP, controls the Bus Write operation of the PSRAM. When asserted (VIL), the
device is in Write mode and Write operations can be performed either to the configuration
registers or to the memory array.
2.13
PSRAM Output Enable (GP)
Output Enable, GP, provides a high speed tri-state control, allowing fast read/write cycles to
be achieved with the common I/O data bus.
2.14
PSRAM Upper Byte Enable (UBP)
The Upper Byte En-able, UBP, gates the data on the Upper Byte Data Inputs/Outputs (DQ8-
DQ15) to or from the upper part of the selected address during a Write or Read operation.
2.15
PSRAM Lower Byte Enable (LBP)
The Lower Byte Enable, LBP, gates the data on the Lower Byte Data Inputs/Outputs (DQ0-
DQ7) to or from the lower part of the selected address during a Write or Read operation.
If both LBP and UBP are disabled (High) during an operation, the device will disable the data
bus from receiving or transmitting data. Although the device will seem to be deselected, it
remains in an active mode as long as EP remains Low.
2.16
PSRAM Configuration Register Enable (CRP)
When this signal is driven High, VIH, Write operations load either the value of the Refresh
Configuration Register (RCR) or the Bus configuration register (BCR).


Similar Part No. - M36P0R9070E0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0 Datasheet
200Kb / 26P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9070E0 NUMONYX-M36P0R9070E0 Datasheet
468Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
STMicroelectronics
M36P0R9070E0ZAC STMICROELECTRONICS-M36P0R9070E0ZAC Datasheet
200Kb / 26P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9070E0ZAC NUMONYX-M36P0R9070E0ZAC Datasheet
468Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
STMicroelectronics
M36P0R9070E0ZACE STMICROELECTRONICS-M36P0R9070E0ZACE Datasheet
200Kb / 26P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
More results

Similar Description - M36P0R9070E0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0 Datasheet
200Kb / 26P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9070E0 NUMONYX-M36P0R9070E0 Datasheet
468Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
STMicroelectronics
M36P0R9060E0 STMICROELECTRONICS-M36P0R9060E0 Datasheet
203Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9060E0 NUMONYX-M36P0R9060E0 Datasheet
459Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
STMicroelectronics
M36L0R7050T0 STMICROELECTRONICS-M36L0R7050T0 Datasheet
406Kb / 18P
   128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32 Mbit (2M x16) PSRAM, 1.8V Supply Multi-Chip Package
M36LLR8760T1 STMICROELECTRONICS-M36LLR8760T1 Datasheet
427Kb / 19P
   256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9060N0 NUMONYX-M36P0R9060N0 Datasheet
454Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Mux I/O, Multi-Chip Package
logo
STMicroelectronics
M36L0R8060T0 STMICROELECTRONICS-M36L0R8060T0 Datasheet
358Kb / 18P
   256 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36L0R7040T0 STMICROELECTRONICS-M36L0R7040T0 Datasheet
352Kb / 18P
   128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory and 16 Mbit PSRAM, 1.8V Supply, Multi-Chip Package
M39P0R9070E0 STMICROELECTRONICS-M39P0R9070E0 Datasheet
248Kb / 26P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit Low Power SDRAM, 1.8V Supply, Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com