Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F276Z5T3 Datasheet(PDF) 58 Page - STMicroelectronics

Part # ST10F276Z5T3
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
Download  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5T3 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button ST10F276Z5T3 Datasheet HTML 54Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 55Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 56Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 57Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 58Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 59Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 60Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 61Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 229 page
background image
Bootstrap loader
ST10F276
58/229
The BSL mechanism may be used for standard system start-up as well as for only special
occasions like system maintenance (firmware update) or end-of-line programming or
testing.
5.4.2
Entering the CAN bootstrap loader
The ST10F276 enters BSL mode if pin P0L.4 is sampled low at the end of a hardware reset.
In this case, the built-in bootstrap loader is activated independently of the selected bus
mode. The bootstrap loader code is stored in a special Test-Flash; no part of the standard
mask ROM or Flash memory area is required for this.
After entering BSL mode and the respective initialization, the ST10F276 scans the
CAN1_TxD line to receive the following initialization frame:
Standard identifier = 0h
DLC = 0h
As all the bits to be transmitted are dominant bits, a succession of 5 dominant bits and 1
stuff bit on the CAN network is used. From the duration of this frame, it calculates the
corresponding baud rate factor with respect to the current CPU clock, initializes the CAN1
interface accordingly, switches pin CAN1_TxD to output and enables the CAN1 interface to
take part in the network communication. Using this baud rate, a Message Object is
configured in order to send an acknowledge frame. The ST10F276 will not send this
Message Object but the host can request it by sending a remote frame.
The acknowledge frame is the following for the ST10F276:
Standard identifier = E6h
DLC = 3h
Data0 = D5h, that is, generic acknowledge of the ST10 devices
Data1 = IDCHIP least significant byte
Data2 = IDCHIP most significant byte
For the ST10F276, IDCHIP = 114Xh.
Note:
Two behaviors can be distinguished in ST10 acknowledging to the host. If the host is
behaving according to the CAN protocol, as at the beginning the ST10 CAN is not
configured, the host is alone on the CAN network and does not receive an acknowledge. It
automatically resends the zero frame. As soon as the ST10 CAN is configured, it
acknowledges the zero frame. The “acknowledge frame” with identifier 0xE6 is configured,
but the Transmit Request is not set. The host can request this frame to be sent and therefore
obtains the IDCHIP by sending a remote frame.
Hint: As the IDCHIP is sent in the acknowledge frame, Flash programming software now
can immediately identify the exact type of device to be programmed.


Similar Part No. - ST10F276Z5T3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F276Z5T3 STMICROELECTRONICS-ST10F276Z5T3 Datasheet
2Mb / 239P
   16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
More results

Similar Description - ST10F276Z5T3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F276-4TR3 STMICROELECTRONICS-ST10F276-4TR3 Datasheet
2Mb / 235P
   16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
ST10F276Z5 STMICROELECTRONICS-ST10F276Z5_07 Datasheet
2Mb / 239P
   16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
ST10F276E STMICROELECTRONICS-ST10F276E Datasheet
2Mb / 235P
   16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
ST10F280 STMICROELECTRONICS-ST10F280_12 Datasheet
2Mb / 239P
   16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
ST10F273Z4 STMICROELECTRONICS-ST10F273Z4 Datasheet
1Mb / 188P
   16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
January 2008 Rev 2
ST10F271Z1 STMICROELECTRONICS-ST10F271Z1 Datasheet
3Mb / 185P
   16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
ST10F272Z2 STMICROELECTRONICS-ST10F272Z2_08 Datasheet
2Mb / 189P
   16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
ST10F271 STMICROELECTRONICS-ST10F271 Datasheet
2Mb / 173P
   16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
ST10F273E STMICROELECTRONICS-ST10F273E Datasheet
1Mb / 179P
   16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
ST10F272 STMICROELECTRONICS-ST10F272 Datasheet
3Mb / 179P
   16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com