Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F276Z5T3 Datasheet(PDF) 93 Page - STMicroelectronics

Part # ST10F276Z5T3
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
Download  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5T3 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button ST10F276Z5T3 Datasheet HTML 89Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 90Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 91Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 92Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 93Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 94Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 95Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 96Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 229 page
background image
ST10F276
A/D converter
93/229
register. The data can be transferred to the RAM by interrupt software management or
using the PEC data transfer.
Wait for ADDAT read mode: When using continuous modes, in order to avoid to
overwrite the result of the current conversion by the next one, the ADWR bit of ADCON
control register must be activated. Then, until the ADDAT register is read, the new
result is stored in a temporary buffer and the conversion is on hold.
Channel injection mode: When using continuous modes, a selected channel can be
converted in between without changing the current operating mode. The 10-bit data of
the conversion are stored in ADRES field of ADDAT2. The current continuous mode
remains active after the single conversion is completed.
A full calibration sequence is performed after a reset. This full calibration lasts up to 40.630
CPU clock cycles. During this time, the busy flag ADBSY is set to indicate the operation. It
compensates the capacitance mismatch, so the calibration procedure does not need any
update during normal operation.
No conversion can be performed during this time: the bit ADBSY shall be polled to verify
when the calibration is over, and the module is able to start a convertion.


Similar Part No. - ST10F276Z5T3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F276Z5T3 STMICROELECTRONICS-ST10F276Z5T3 Datasheet
2Mb / 239P
   16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
More results

Similar Description - ST10F276Z5T3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F276-4TR3 STMICROELECTRONICS-ST10F276-4TR3 Datasheet
2Mb / 235P
   16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
ST10F276Z5 STMICROELECTRONICS-ST10F276Z5_07 Datasheet
2Mb / 239P
   16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
ST10F276E STMICROELECTRONICS-ST10F276E Datasheet
2Mb / 235P
   16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
ST10F280 STMICROELECTRONICS-ST10F280_12 Datasheet
2Mb / 239P
   16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
ST10F273Z4 STMICROELECTRONICS-ST10F273Z4 Datasheet
1Mb / 188P
   16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
January 2008 Rev 2
ST10F271Z1 STMICROELECTRONICS-ST10F271Z1 Datasheet
3Mb / 185P
   16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
ST10F272Z2 STMICROELECTRONICS-ST10F272Z2_08 Datasheet
2Mb / 189P
   16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
ST10F271 STMICROELECTRONICS-ST10F271 Datasheet
2Mb / 173P
   16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
ST10F273E STMICROELECTRONICS-ST10F273E Datasheet
1Mb / 179P
   16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
ST10F272 STMICROELECTRONICS-ST10F272 Datasheet
3Mb / 179P
   16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com