Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8050 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # SS8050
Description  2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SS8050 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  SS8050_04 Datasheet HTML 1Page - Fairchild Semiconductor SS8050_04 Datasheet HTML 2Page - Fairchild Semiconductor SS8050_04 Datasheet HTML 3Page - Fairchild Semiconductor SS8050_04 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0.46
±0.10
1.27TYP
(R2.29)
[1.27
±0.20]
1.27TYP
[1.27
±0.20]
3.60
±0.20
4.58
+0.25
–0.15
0.38
+0.10
–0.05
TO-92
Package Dimensions
Dimensions in Millimeters
©2002 Fairchild Semiconductor Corporation
Rev. B2, August 2004


Similar Part No. - SS8050_04

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SS8050-C MCC-SS8050-C Datasheet
214Kb / 2P
   NPN Silicon Transistors
SS8050-C MCC-SS8050-C Datasheet
439Kb / 3P
   NPN Silicon Transistors
SS8050-C MCC-SS8050-C_16 Datasheet
439Kb / 3P
   NPN Silicon Transistors
SS8050-D MCC-SS8050-D Datasheet
214Kb / 2P
   NPN Silicon Transistors
SS8050-D MCC-SS8050-D Datasheet
439Kb / 3P
   NPN Silicon Transistors
More results

Similar Description - SS8050_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS8550 FAIRCHILD-SS8550 Datasheet
41Kb / 4P
   2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
SS8050 FAIRCHILD-SS8050 Datasheet
41Kb / 4P
   2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
SS8550CBU FAIRCHILD-SS8550CBU Datasheet
353Kb / 3P
   SS8550 2W Output Amplifier of Portable Radios in Class B Push-pull Operation
logo
List of Unclassifed Man...
C8550 ETC-C8550 Datasheet
47Kb / 1P
   Transistors 2WOUTPUT AMPLIFIER OF PORTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
logo
E-Tech Electronics LTD
G8050 ETL-G8050 Datasheet
138Kb / 2P
   The G8050 is designed for use in 2W output amplifier of portable radios in class B push-pull operation
G8550 ETL-G8550 Datasheet
138Kb / 2P
   The G8550 is designed for use in 2W output amplifier of portable radios in class B push-pull operation
G8551 ETL-G8551 Datasheet
143Kb / 2P
   The G8551 is designed for use in 2W output amplifier of portable radios in class B push-pull operation.
G8051 ETL-G8051 Datasheet
143Kb / 2P
   The G8051 is designed for use in 2W output amplifier of portable radios in class B push-pull operation
logo
Unisonic Technologies
9013 UTC-9013_11 Datasheet
94Kb / 2P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
logo
List of Unclassifed Man...
2SA9012 ETC-2SA9012 Datasheet
74Kb / 2P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH PULL OPERATION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com