Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92150CR1TB Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST92150CR1TB
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
Download  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92150CR1TB Datasheet(HTML) 5 Page - STMicroelectronics

  ST92150CR1TB Datasheet HTML 1Page - STMicroelectronics ST92150CR1TB Datasheet HTML 2Page - STMicroelectronics ST92150CR1TB Datasheet HTML 3Page - STMicroelectronics ST92150CR1TB Datasheet HTML 4Page - STMicroelectronics ST92150CR1TB Datasheet HTML 5Page - STMicroelectronics ST92150CR1TB Datasheet HTML 6Page - STMicroelectronics ST92150CR1TB Datasheet HTML 7Page - STMicroelectronics ST92150CR1TB Datasheet HTML 8Page - STMicroelectronics ST92150CR1TB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 429 page
background image
5/429
ST92F124/F150/F250 - GENERAL DESCRIPTION
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The ST92F124/F150/F250 microcontroller is de-
veloped and manufactured by STMicroelectronics
using a proprietary n-well HCMOS process. Its
performance derives from the use of a flexible
256-register programming model for ultra-fast con-
text switching and real-time event response. The
intelligent on-chip peripherals offload the ST9 core
from I/O and data management processing tasks
allowing critical application tasks to get the maxi-
mum use of core resources. The new-generation
ST9 MCU devices now also support low power
consumption and low voltage operation for power-
efficient and low-cost embedded systems.
1.1.1 ST9+ Core
The advanced Core consists of the Central
Processing Unit (CPU), the Register File, the Inter-
rupt and DMA controller, and the Memory Man-
agement Unit. The MMU allows a single linear ad-
dress space of up to 4 Mbytes.
Four independent buses are controlled by the
Core: a 22-bit memory bus, an 8-bit register data
bus, an 8-bit register address bus and a 6-bit inter-
rupt/DMA bus which connects the interrupt and
DMA controllers in the on-chip peripherals with the
core.
This multiple bus architecture makes the ST9 fam-
ily devices highly efficient for accessing on and off-
chip memory and fast exchange of data with the
on-chip peripherals.
The general-purpose registers can be used as ac-
cumulators, index registers, or address pointers.
Adjacent register pairs make up 16-bit registers for
addressing or 16-bit processing. Although the ST9
has an 8-bit ALU, the chip handles 16-bit opera-
tions, including arithmetic, loads/stores, and mem-
ory/register and memory/memory exchanges.
The powerful I/O capabilities demanded by micro-
controller
applications
are
fulfilled
by
the
ST92F150/F124 with 48 (64-pin devices) or 77
(100-pin devices) I/O lines dedicated to digital In-
put/Output and with 80 I/O lines by the ST92F250.
These lines are grouped into up to ten 8-bit I/O
Ports and can be configured on a bit basis under
software control to provide timing, status signals,
an address/data bus for interfacing to the external
memory, timer inputs and outputs, analog inputs,
external interrupts and serial or parallel I/O. Two
memory spaces are available to support this wide
range of configurations: a combined Program/
Data Memory Space and the internal Register File,
which includes the control and status registers of
the on-chip peripherals.
1.1.2 External Memory Interface
100-pin devices have a 22-bit external address
bus allowing them to address up to 4M bytes of ex-
ternal memory.
1.1.3 On-chip Peripherals
Two 16-bit Multifunction Timers, each with an 8 bit
Prescaler and 12 operating modes allow simple
use for complex waveform generation and meas-
urement, PWM functions and many other system
timing functions by the usage of the two associat-
ed DMA channels for each timer.
Two Extended Function Timers provide further
timing and signal generation capabilities.
A Standard Timer can be used to generate a sta-
ble time base independent from the PLL.
An I2C interface (two in the ST92F250 device) pro-
vides fast I2C and Access Bus support.
The SPI is a synchronous serial interface for Mas-
ter and Slave device communication. It supports
single master and multimaster systems.
A J1850 Byte Level Protocol Decoder is available
(ST92F150JDV1 device only) for communicating
with a J1850 network.
The bxCAN (basic extended) interface (two in the
ST92F150JDV1 device) supports 2.0B Active pro-
tocol. It has 3 transmit mailboxes, 2 independent
receive FIFOs and 8 filters.
In addition, there is an 16 channel Analog to Digital
Converter with integral sample and hold, fast con-
version time and 10-bit resolution.
There is one Multiprotocol Serial Communications
Interface with an integral generator, asynchronous
and synchronous capability (fully programmable
format) and associated address/wake-up option,
plus two DMA channels.
On 100-pin devices, there is an additional asyn-
chronous Serial Communications interface with
13-bit LIN Synch Break generation capability.
Finally, a programmable PLL Clock Generator al-
lows the usage of standard 3 to 5 MHz crystals to
obtain a large range of internal frequencies up to
24 MHz. Low power Run (SLOW), Wait For Inter-
rupt, low power Wait For Interrupt, STOP and
HALT modes are also available.
9


Similar Part No. - ST92150CR1TB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST92150CR1TB STMICROELECTRONICS-ST92150CR1TB Datasheet
3Mb / 426P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
More results

Similar Description - ST92150CR1TB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST92F124 STMICROELECTRONICS-ST92F124 Datasheet
3Mb / 426P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
ST92F120 STMICROELECTRONICS-ST92F120 Datasheet
1Mb / 320P
   8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
ST92F120V9 STMICROELECTRONICS-ST92F120V9 Datasheet
3Mb / 324P
   8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
September 2002 Rev. 2.6
logo
ATMEL Corporation
T89C51CC01 ATMEL-T89C51CC01 Datasheet
1Mb / 146P
   Enhanced 8-bit MCU with CAN controller and Flash
logo
STMicroelectronics
ST7FOXA0 STMICROELECTRONICS-ST7FOXA0 Datasheet
1Mb / 123P
   8-bit MCU with single voltage Flash memory
February 2008 Rev 3
logo
Holtek Semiconductor In...
HT66F016 HOLTEK-HT66F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F30-1 HOLTEK-HT66F30-1 Datasheet
7Mb / 196P
   Enhanced Flash Type 8-Bit MCU with EEPROM
logo
STMicroelectronics
ST10F271B STMICROELECTRONICS-ST10F271B Datasheet
1Mb / 180P
   16-bit MCU with 128 Kbyte Flash memory and 8/12 Kbyte RAM
logo
Holtek Semiconductor In...
HT68F016 HOLTEK-HT68F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
logo
STMicroelectronics
ST7LITE49M STMICROELECTRONICS-ST7LITE49M Datasheet
1Mb / 188P
   8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I짼C interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com