Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8801 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF8801
Description  LCD driver for 140 x 2 segments
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8801 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF8801 Datasheet HTML 3Page - NXP Semiconductors PCF8801 Datasheet HTML 4Page - NXP Semiconductors PCF8801 Datasheet HTML 5Page - NXP Semiconductors PCF8801 Datasheet HTML 6Page - NXP Semiconductors PCF8801 Datasheet HTML 7Page - NXP Semiconductors PCF8801 Datasheet HTML 8Page - NXP Semiconductors PCF8801 Datasheet HTML 9Page - NXP Semiconductors PCF8801 Datasheet HTML 10Page - NXP Semiconductors PCF8801 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
2000 Feb 04
7
Philips Semiconductors
Product specification
LCD driver for 140
× 2 segments
PCF8801
Table 4
Routing of data to LCD pixels
(First 20 bits, DIR = 0).
The PCF8801 supports a 5
× 8 LCD character structure as
shown in Fig.3. Because the bottom line of pixels are not
often used in most applications, their data could be used
instead to control LCD icons.
SHIFT REGISTER DATA OUTPUT
LCD PIXEL
SH1_1
7
SH1_2
SH2_1
5
SH2_2
SH3_1
3
SH3_2
SH4_1
1
SH4_2
SH5_1
9
SH5_2
SH6_1
6
SH6_2
SH7_1
4
SH7_2
SH8_1
2
SH8_2
SH9_1
11
SH9_2
SH10_1
10
SH10_2
SH11_1
8
SH11_2
SH12_1
12
SH12_2
SH13_1
13
SH13_2
SH14_1
14
SH14_2
SH15_1
17
SH15_2
SH16_1
19
SH16_2
SH17_1
15
SH17_2
SH18_1
16
SH18_2
SH19_1
18
SH19_2
SH20_1
20
SH20_2
SHIFT REGISTER DATA OUTPUT
LCD PIXEL
handbook, full pagewidth
1
2
12
19
20
1
2
12
19
20
34
8
17
18
34
8
17
18
5
6
10
14
16
5
6
10
14
16
7
9
11
13
15
7
9
11
13
15
MGL917
pixel locations
top of LCD
1
2
12
19
34
8
17
610
14
16
610
14
16
7
9
11
13
15
pixels used to display digit 2
top of LCD
Fig.3 LCD character pixel locations (looking from front).


Similar Part No. - PCF8801

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8811 PHILIPS-PCF8811 Datasheet
434Kb / 73P
   80 x 128 pixels matrix LCD driver
2004 May 17
PCF8811 NXP-PCF8811 Datasheet
440Kb / 81P
   80 x 128 pixels matrix LCD driver
Rev. 04-27 June 2008
PCF8811 NXP-PCF8811 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCF8811MU/2DA/1 PHILIPS-PCF8811MU/2DA/1 Datasheet
434Kb / 73P
   80 x 128 pixels matrix LCD driver
2004 May 17
PCF8811MU/2DA/1 NXP-PCF8811MU/2DA/1 Datasheet
440Kb / 81P
   80 x 128 pixels matrix LCD driver
Rev. 04-27 June 2008
More results

Similar Description - PCF8801

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL55070 BELLING-BL55070 Datasheet
279Kb / 7P
   LCD Driver for 140 Display Units
logo
Rohm
BU9728AKV ROHM-BU9728AKV_08 Datasheet
593Kb / 24P
   For 128-140 Segment type LCD LCD Segment Driver
logo
Delta Electronics, Inc.
FFB1424GHE DELTA-FFB1424GHE Datasheet
929Kb / 1P
   140 x 140 x 38 MM SERIES
logo
Holtek Semiconductor In...
HT0610 HOLTEK-HT0610 Datasheet
462Kb / 22P
   33 x 120 LCD Driver
logo
List of Unclassifed Man...
2-140 ETC-2-140 Datasheet
700Kb / 2P
   2-140 Profile-Cylinder for swinghandle
06.02.2012
logo
Vishay Siliconix
LCD-016N002D VISHAY-LCD-016N002D Datasheet
76Kb / 3P
   16 x 2 Character LCD
Revision: 29-Oct-08
LCD-016N002J VISHAY-LCD-016N002J Datasheet
72Kb / 3P
   16 x 2 Character LCD
Revision: 22-Jun-17
LCD-016N002L1 VISHAY-LCD-016N002L1 Datasheet
77Kb / 3P
   16 x 2 Character LCD
Revision: 02-Oct-12
LCD-016N002M VISHAY-LCD-016N002M Datasheet
84Kb / 3P
   16 x 2 Character LCD
Revision: 05-Oct-12
LCD-016N002S VISHAY-LCD-016N002S Datasheet
68Kb / 3P
   16 x 2 Character LCD
Revision: 05-Oct-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com