Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8801 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF8801
Description  LCD driver for 140 x 2 segments
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8801 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF8801 Datasheet HTML 12Page - NXP Semiconductors PCF8801 Datasheet HTML 13Page - NXP Semiconductors PCF8801 Datasheet HTML 14Page - NXP Semiconductors PCF8801 Datasheet HTML 15Page - NXP Semiconductors PCF8801 Datasheet HTML 16Page - NXP Semiconductors PCF8801 Datasheet HTML 17Page - NXP Semiconductors PCF8801 Datasheet HTML 18Page - NXP Semiconductors PCF8801 Datasheet HTML 19Page - NXP Semiconductors PCF8801 Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
VSS1
VSS2
VDD1
VDD2
LDP1
LDN1
DI1
DO1
CLK1
TARGET2(1)
TOPRIGHT
VSS3
VSS4
VDD3
VDD4
LDP2
1.2
mm
LDN2
DI2
DO2
CLK2
BOTLEFT
TARGET2(1)
MGL921
11.56 mm
x
y
0
0
PCF8801
pitch
y
x
0.88 mm
Fig.6 Bonding pad locations.
(1) Pattern recognition mark is metal circle of diameter 100
µm.


Similar Part No. - PCF8801

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8811 PHILIPS-PCF8811 Datasheet
434Kb / 73P
   80 x 128 pixels matrix LCD driver
2004 May 17
PCF8811 NXP-PCF8811 Datasheet
440Kb / 81P
   80 x 128 pixels matrix LCD driver
Rev. 04-27 June 2008
PCF8811 NXP-PCF8811 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCF8811MU/2DA/1 PHILIPS-PCF8811MU/2DA/1 Datasheet
434Kb / 73P
   80 x 128 pixels matrix LCD driver
2004 May 17
PCF8811MU/2DA/1 NXP-PCF8811MU/2DA/1 Datasheet
440Kb / 81P
   80 x 128 pixels matrix LCD driver
Rev. 04-27 June 2008
More results

Similar Description - PCF8801

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL55070 BELLING-BL55070 Datasheet
279Kb / 7P
   LCD Driver for 140 Display Units
logo
Rohm
BU9728AKV ROHM-BU9728AKV_08 Datasheet
593Kb / 24P
   For 128-140 Segment type LCD LCD Segment Driver
logo
Delta Electronics, Inc.
FFB1424GHE DELTA-FFB1424GHE Datasheet
929Kb / 1P
   140 x 140 x 38 MM SERIES
logo
Holtek Semiconductor In...
HT0610 HOLTEK-HT0610 Datasheet
462Kb / 22P
   33 x 120 LCD Driver
logo
List of Unclassifed Man...
2-140 ETC-2-140 Datasheet
700Kb / 2P
   2-140 Profile-Cylinder for swinghandle
06.02.2012
logo
Vishay Siliconix
LCD-016N002D VISHAY-LCD-016N002D Datasheet
76Kb / 3P
   16 x 2 Character LCD
Revision: 29-Oct-08
LCD-016N002J VISHAY-LCD-016N002J Datasheet
72Kb / 3P
   16 x 2 Character LCD
Revision: 22-Jun-17
LCD-016N002L1 VISHAY-LCD-016N002L1 Datasheet
77Kb / 3P
   16 x 2 Character LCD
Revision: 02-Oct-12
LCD-016N002M VISHAY-LCD-016N002M Datasheet
84Kb / 3P
   16 x 2 Character LCD
Revision: 05-Oct-12
LCD-016N002S VISHAY-LCD-016N002S Datasheet
68Kb / 3P
   16 x 2 Character LCD
Revision: 05-Oct-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com