Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8812 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF8812
Description  65 x 102 pixels matrix LCD driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8812 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF8812 Datasheet HTML 1Page - NXP Semiconductors PCF8812 Datasheet HTML 2Page - NXP Semiconductors PCF8812 Datasheet HTML 3Page - NXP Semiconductors PCF8812 Datasheet HTML 4Page - NXP Semiconductors PCF8812 Datasheet HTML 5Page - NXP Semiconductors PCF8812 Datasheet HTML 6Page - NXP Semiconductors PCF8812 Datasheet HTML 7Page - NXP Semiconductors PCF8812 Datasheet HTML 8Page - NXP Semiconductors PCF8812 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
2000 Nov 22
3
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8812
1
FEATURES
• 65 row and 102 column outputs
• Display data RAM 65 × 102 bits
• On-chip:
– Configurable 5 (4, 3 and 2) voltage multiplier
generating VLCD (external VLCD also possible)
– Generation of intermediate LCD bias voltages
– Oscillator requires no external components
(external clock also possible).
• External reset input pin
• Serial interface maximum 4.0 Mbit/s
• CMOS compatible inputs
• Mux rate: 1 : 65
• Logic supply voltage range VDD1 to VSS:
– 2.5 to 5.5 V.
• High voltage generator supply voltage range
VDD2 to VSS and VDD3 to VSS
– 2.5 to 4.5 V.
• Display supply voltage range VLCD to VSS:
– 4.5 to 9.0 V.
• Low power consumption, suitable for battery operated
systems
• Temperature compensation of VLCD
• Temperature range: Tamb = −40 to +85 °C
• Slim chip layout, suited for Chip-On-Glass (COG)
applications.
2
APPLICATIONS
• Telecom equipment.
3
GENERAL DESCRIPTION
The PCF8812 is a low power CMOS LCD controller driver,
designed to drive a graphic display of 65 rows and
102 columns. All necessary functions for the display are
provided in a single chip, including on-chip generation of
LCD supply and bias voltages, resulting in a minimum of
external components and low power consumption. The
PCF8812 interfaces to microcontrollers via a serial bus
interface.
4
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF8812U/2
Tray
chip with bumps in tray


Similar Part No. - PCF8812

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8811 PHILIPS-PCF8811 Datasheet
434Kb / 73P
   80 x 128 pixels matrix LCD driver
2004 May 17
PCF8811 NXP-PCF8811 Datasheet
440Kb / 81P
   80 x 128 pixels matrix LCD driver
Rev. 04-27 June 2008
PCF8811 NXP-PCF8811 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCF8811MU/2DA/1 PHILIPS-PCF8811MU/2DA/1 Datasheet
434Kb / 73P
   80 x 128 pixels matrix LCD driver
2004 May 17
PCF8811MU/2DA/1 NXP-PCF8811MU/2DA/1 Datasheet
440Kb / 81P
   80 x 128 pixels matrix LCD driver
Rev. 04-27 June 2008
More results

Similar Description - PCF8812

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8549 PHILIPS-PCF8549 Datasheet
271Kb / 36P
   65 x 102 pixels matrix LCD driver
1997 Nov 21
PCF8548 PHILIPS-PCF8548 Datasheet
206Kb / 40P
   65 x 102 pixels matrix LCD driver
1999 Aug 16
OM6206 PHILIPS-OM6206 Datasheet
195Kb / 36P
   65 X 102 pixels matrix LCD driver
2001 Nov 14
PCF8813 PHILIPS-PCF8813 Datasheet
446Kb / 72P
   (67 1) x 102 pixels matrix LCD driver
2004 Mar 05
logo
Sitronix Technology Co....
ST7556 SITRONIX-ST7556 Datasheet
414Kb / 43P
   65 x 102 Dot Matrix LCD Controller/Driver
ST7558 SITRONIX-ST7558 Datasheet
753Kb / 56P
   65 x 102 Dot Matrix LCD Controller/Driver
logo
NXP Semiconductors
PCF8811 NXP-PCF8811 Datasheet
440Kb / 81P
   80 x 128 pixels matrix LCD driver
Rev. 04-27 June 2008
PCF8811 PHILIPS-PCF8811 Datasheet
434Kb / 73P
   80 x 128 pixels matrix LCD driver
2004 May 17
logo
STMicroelectronics
STE2004 STMICROELECTRONICS-STE2004 Datasheet
1Mb / 66P
   102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
STE2004S STMICROELECTRONICS-STE2004S Datasheet
1Mb / 79P
   102 x 65 single-chip LCD controller/driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com