Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1400A Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1400A
Description  High Efficiency DC-DC Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1400A Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1400A Datasheet HTML 6Page - ON Semiconductor NCP1400A Datasheet HTML 7Page - ON Semiconductor NCP1400A Datasheet HTML 8Page - ON Semiconductor NCP1400A Datasheet HTML 9Page - ON Semiconductor NCP1400A Datasheet HTML 10Page - ON Semiconductor NCP1400A Datasheet HTML 11Page - ON Semiconductor NCP1400A Datasheet HTML 12Page - ON Semiconductor NCP1400A Datasheet HTML 13Page - ON Semiconductor NCP1400A Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Page 10
Portable Solutions
EMI Filtering with ESD Protection for LCD and Camera Interfaces
Key Features
• Excellent low-pass filter characteristics from 800 MHz to 5 GHz
• Low profile package for slim portable electronics
• 0. mm pin pitch provides improved layout options
EMI Filtering Devices
Device
# Lines
Package
Capacitance
(pF) @ .5 V/Diode
Attenuation
@ 900 mHz to 5.0 Ghz
Comments
NUF0MN

DFN 8
1
> -8 dB
Low parasitic inductance package design
NUF0MN

DFN 8
17
> -5 dB
NUF10MN

DFN 8
8.5
> -19 dB
NUF001MU

uDFN 8*
1
> -0 dB
NUF601MN
6
DFN 1
17
> -5dB
Low parasitic inductance package design
NUF606MN
6
DFN 1
1
> -8dB
NUF60MN
 + 
DFN 1
17
> -5dB
NUF6001MU
6
uDFN 1*
17
> -5dB
NUF801MN
8
DFN 16
1
> -8 dB
NUF80MN
8
DFN 16
17
> -5 dB
NUF810MN
8
DFN 16
8.5
> -19 dB
NUF8001MU
8
uDFN 16*
1
> -8 dB
NZF0D

SC-88
6
> -0 dB
NUF00XV6

SOT-56
16
> -0 dB
NUF0XV6

SOT-56
1
> -0 dB
NUF0XV6

SOT-56
7
> -18 dB
NUF0XV6

SOT-56
16
> - dB
NZF0T
1
SC-70
7
> -0 dB
* Low profile package with 0. mm pin pitch
CLK
Base
Band
Chip
Hsync
Vsync
Camera
Module


Similar Part No. - NCP1400A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1400A ONSEMI-NCP1400A Datasheet
154Kb / 16P
   100 mA, Fixed Frequency PWM Step?뭊p Micropower Switching Regulator
March, 2006 ??Rev. 11
NCP1400A ONSEMI-NCP1400A Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1400A-D ONSEMI-NCP1400A-D Datasheet
138Kb / 16P
   100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
June, 2004 ??Rev. 9
NCP1400ASN19T1 ONSEMI-NCP1400ASN19T1 Datasheet
138Kb / 16P
   100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
June, 2004 ??Rev. 9
NCP1400ASN19T1 ONSEMI-NCP1400ASN19T1 Datasheet
154Kb / 16P
   100 mA, Fixed Frequency PWM Step?뭊p Micropower Switching Regulator
March, 2006 ??Rev. 11
More results

Similar Description - NCP1400A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK3R2A10PL TOSHIBA-TK3R2A10PL Datasheet
728Kb / 9P
   High-Efficiency DC-DC Converters
TK3R9E10PL TOSHIBA-TK3R9E10PL Datasheet
720Kb / 9P
   High-Efficiency DC-DC Converters
logo
Artesyn Technologies
SXE15 ARTESYN-SXE15_05 Datasheet
374Kb / 28P
   High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TK3R1A04PL TOSHIBA-TK3R1A04PL Datasheet
438Kb / 9P
   High-Efficiency DC-DC Converters
TPCA8064-H TOSHIBA-TPCA8064-H Datasheet
275Kb / 9P
   High-Efficiency DC-DC Converters
TK2R9E10PL TOSHIBA-TK2R9E10PL Datasheet
716Kb / 9P
   High-Efficiency DC-DC Converters
logo
Artesyn Technologies
CXE15 ARTESYN-CXE15 Datasheet
391Kb / 24P
   High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TK3R2E06PL TOSHIBA-TK3R2E06PL Datasheet
471Kb / 9P
   High-Efficiency DC-DC Converters
TK3R3A06PL TOSHIBA-TK3R3A06PL Datasheet
497Kb / 9P
   High-Efficiency DC-DC Converters
TK3R1E04PL TOSHIBA-TK3R1E04PL Datasheet
448Kb / 9P
   High-Efficiency DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com