Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS23SC1604-X6I Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS23SC1604-X6I
Description  16-KBIT SECURED SERIAL EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS23SC1604-X6I Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS23SC1604-X6I Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS23SC1604-X6I Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS23SC1604-X6I Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS23SC1604-X6I Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS23SC1604-X6I Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS23SC1604-X6I Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS23SC1604-X6I Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS23SC1604-X6I Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS23SC1604-X6I Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
Integrated Silicon Solution, Inc. — 1-800-379-4774
ADVANCEINFORMATION
Rev. 00E
04/10/03
IS23SC1604
ISSI®
Memory Map
Start Bit
End Bit
Start ByteEnd Byte
Symbol
Description
Address
Address
Bits AddressAddress
Bytes
FZ
Fabrication Zone
0
15
16
0
1
2
IZ
Issuer Zone
16
79
64
2
9
8
SC
Security Code
80
95
16
10
11
2
SCAC
Security Code Attempts Counter
96
103
8
12
12
1
CPZ
Code Protected Zone
104
167
64
13
20
8
Application 1
SC1
Application Zone 1 Security Code
168
183
16
21
22
2
S1AC
Application Zone 1 SC1 Attempts Counter
184
191
8
23
23
1
EZ1
Application Zone 1 Erase Key
192
207
16
24
25
2
E1AC
Application Zone 1 EZ1 Attempts Counter
208
215
8
26
26
1
AZ1
Application Zone 1
216
9775
9560
27
1221
1195
Application 2
SC2
Application Zone 2 Security Code
9776
9791
16
1222
1223
2
EZ2
Application Zone 2 Erase Key
9792
9807
16
1224
1225
2
E2AC
Application Zone 2 EZ2 Attempts Counter
9808
9815
8
1226
1226
1
AZ2
Application Zone 2
9816
11863
2048 1227
1482
256
Application 3
SC3
Application Zone 3 Security Code
11864
11879
16
1483
1484
2
EZ3
Application Zone 3 Erase Key
11880
11895
16
1485
1486
2
E3AC
Application Zone 3 EZ3 Attempts Counter
11896
11903
8
1487
1487
1
AZ3
Application Zone 3
11904
13951
2048 1488
1743
256
Application 4
SC4
Application Zone 4 Security Code
13952
13967
16
1744
1745
2
EZ4
Application Zone 4 Erase Key
13968
13983
16
1746
1747
2
E4AC
Application Zone 4 EZ4 Attempts Counter
13984
13991
8
1748
1748
1
AZ4
Application Zone 4
13992
16039
2048 1749
2004
256
MTZ
Memory Test Zone
16040
16055
16
2005
2006
2
Total Addressable EEPROM Memory
16056
2007
Fuse
Internal Security Fuse
16288
16303
Last Bit Address
16383
IS23SC1604 MEMORY MAP
IS23SC1604 memory is divided into four Application
Zones. Each Application Zone has a corresponding access
security code, access attempts counter (only Application
Zone 1), erase key, erase attempts counter, and data
storage area. Below is the memory map table for
IS23SC1604:


Similar Part No. - IS23SC1604-X6I

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS23SC4418 ISSI-IS23SC4418 Datasheet
68Kb / 12P
   1-KBYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY CODE (PSC)
IS23SC4428-X2 ISSI-IS23SC4428-X2 Datasheet
68Kb / 12P
   1-KBYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY CODE (PSC)
IS23SC4428-X2I ISSI-IS23SC4428-X2I Datasheet
68Kb / 12P
   1-KBYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY CODE (PSC)
IS23SC4428-X3 ISSI-IS23SC4428-X3 Datasheet
68Kb / 12P
   1-KBYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY CODE (PSC)
IS23SC4428-X3I ISSI-IS23SC4428-X3I Datasheet
68Kb / 12P
   1-KBYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY CODE (PSC)
More results

Similar Description - IS23SC1604-X6I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C16-W STMICROELECTRONICS-M24C16-W Datasheet
654Kb / 40P
   16-Kbit serial I2C bus EEPROM
Rev 11 - October 2020
M24164 STMICROELECTRONICS-M24164 Datasheet
135Kb / 21P
   16 Kbit Serial I2C BUS EEPROM
M24C16-WMN6P STMICROELECTRONICS-M24C16-WMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-BN6 STMICROELECTRONICS-M24C04-BN6 Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-WMN6 STMICROELECTRONICS-M24C04-WMN6 Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-WMN6P STMICROELECTRONICS-M24C04-WMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C16-RBN6P STMICROELECTRONICS-M24C16-RBN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C16 STMICROELECTRONICS-M24C16_10 Datasheet
510Kb / 39P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-FMC5TG STMICROELECTRONICS-M24C04-FMC5TG Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C16-RMN6P STMICROELECTRONICS-M24C16-RMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com