Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZNI1000TA Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZNI1000TA
Description  TEMPERATURE SENSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZNI1000TA Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZNI1000TA Datasheet HTML 1Page - Zetex Semiconductors ZNI1000TA Datasheet HTML 2Page - Zetex Semiconductors ZNI1000TA Datasheet HTML 3Page - Zetex Semiconductors ZNI1000TA Datasheet HTML 4Page - Zetex Semiconductors ZNI1000TA Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
SEMICO NDUC TORS
DESCRIPTION
The ZNI1000 is a Ni thin film Resistance Temperature
Detector (RTD), specified to DIN 43760. The high
temperature coefficient offers higher signal outputs
than other RTD’s, which results in higher accuracy with
smaller temperature changes.
FEATURES
Resistance at 0 C: 1000
SOT23 package
Available on 8mm tape
APPLICATIONS
Automotive electronic
Circuit protection
Temperature compensation
Temperature measurement
DEVICE MARKING
ZNI
ZNI1000
Issue 4 - April 2006
TEMPERATURE SENSOR
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY
PER REEL
ZNI1000TA
7”
8mm
3,000 units
ZNI1000TC
13”
8mm
10,000 units
ORDERING INFORMATION
Top View
PINOUT
SOT23
Pin 1 - Ni1000
Pin 2 - Ni1000
Pin 3 - need a good thermal
contact for a short response
time


Similar Part No. - ZNI1000TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNI1000TA ZETEX-ZNI1000TA Datasheet
117Kb / 3P
   TEMPERATURE SENSOR
logo
Diodes Incorporated
ZNI1000TA DIODES-ZNI1000TA Datasheet
165Kb / 6P
   Temperature sensor
More results

Similar Description - ZNI1000TA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
[Old version datasheet]   Temperature Sensor
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
   Temperature sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
   Temperature Sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
[Old version datasheet]   TEMPERATURE SENSOR
logo
Analog Devices
AD7291 AD-AD7291_17 Datasheet
572Kb / 29P
   Temperature Sensor
logo
Thinking Electronic Ind...
PTLS2101RP416 THINKING-PTLS2101RP416 Datasheet
420Kb / 7P
   Temperature Sensor
logo
TRACO Electronic AG
TSP-TS TRACOPOWER-TSP-TS Datasheet
230Kb / 1P
   Temperature Sensor
Rev. June 30, 2021
TBL-BC-TS1 TRACOPOWER-TBL-BC-TS1 Datasheet
219Kb / 1P
   Temperature Sensor
Rev. June 30, 2021
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000 Datasheet
117Kb / 3P
   TEMPERATURE SENSOR
logo
Integrated Device Techn...
TS3001GB2A0 IDT-TS3001GB2A0 Datasheet
523Kb / 23P
   Temperature Sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com