Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EPT21D Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC100EPT21D
Description  Evaluation Board Manual for High Frequency SOIC 8
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT21D Datasheet(HTML) 4 Page - ON Semiconductor

  MC100EPT21D Datasheet HTML 1Page - ON Semiconductor MC100EPT21D Datasheet HTML 2Page - ON Semiconductor MC100EPT21D Datasheet HTML 3Page - ON Semiconductor MC100EPT21D Datasheet HTML 4Page - ON Semiconductor MC100EPT21D Datasheet HTML 5Page - ON Semiconductor MC100EPT21D Datasheet HTML 6Page - ON Semiconductor MC100EPT21D Datasheet HTML 7Page - ON Semiconductor MC100EPT21D Datasheet HTML 8Page - ON Semiconductor MC100EPT21D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ECLSOIC8EVB
http://onsemi.com
4
Evaluation Board Assembly Instructions
The 8−lead SOIC evaluation board is designed for
characterizing devices in a 50
W laboratory environment
using high bandwidth equipment. Each signal trace on the
board has a via, which has an option of termination resistor
or bypassing capacitor depending on the input/output
configuration (see Table 1. Configuration List). Table 17
contains the Bill of Materials for this evaluation board.
Solder the Device on the Evaluation Board
The soldering can be accomplished by hand soldering or
soldering re−flow techniques. Make sure pin 1 of the device
is located next the white dotted mark U1 and all the pins are
aligned to the footprint pads. Solder the 8−lead SOIC device
to the evaluation board.
Connecting Power and Ground Planes
For standard ECL lab setup and test, a split (dual) power
supply is required enabling the 50
W internal impedance in
the oscilloscope to be used as a termination of the ECL
signals (VTT = VCC – 2.0 V, in split power supply setup, VTT
is the system ground, VCC is 2.0 V, and VEE is –3.0 V or
–1.3 V; see Table 2: Power Supply Levels).
Table 2. Power Supply Levels
Power Supply
VCC
VEE
GND
5.0 V
2.0 V
−3.0 V
0.0 V
3.3 V
2.0 V
−1.3 V
0.0 V
2.5 V
2.0 V
−0.5 V
0.0 V
The power supply for voltage level translating device need
slight modification as indicated in Table 3. Power Supply
Levels for Translators.
Table 3. Power Supply Levels for Translators
VCC
VEE
GND
PECL Translators
3.3 V / 5.0 V
0.0 V
0.0 V
On the top side of the evaluation board solder the four
surface mount test point clips to the pads labeled VCC, VEE,
and GND. The VCC clip connects directly to pin 8 of the
device. The VEE clip connects directly to pin 5 of the device.
There are two GND clip footprints which can be connected
to the ground plane of the evaluation board depending on the
setup configuration.
It is recommended to solder 0.01
mF capacitors to C1 and
C2 to reduce the unwanted noise from the power supplies.
C3 and C4 pads are provided for 0.1
mF capacitor to further
diminish the noise from the power supplies. Adding
capacitors can improve edge rates, reduce overshoot and
undershoot.
Termination
All ECL outputs need to be terminated to VTT (VTT = VCC
–2.0 V = GND) via a 50
W resistor in a split power supply
lab set−up. 0603 chip resistor pads are provided on the
bottom side of the evaluation board to terminate the ECL
driver (More information on termination is provided in
AN8020). Solder the chip resistors to the bottom side of the
board on the appropriate input of the device pins labeled R1,
R2, R3, R4, R6, and R7, depending on the specific device.
Installing the SMA Connectors
Each configuration indicates the number of SMA
connectors needed to populate an evaluation board for a
given configuration. Each input and output requires one
SMA connector. Attach all the required SMA connectors
onto the board and solder the connectors to the board. Please
note that alignment of the signal connector pin of the SMA
can influence the lab results. The reflection and launch of the
signals are largely influenced by imperfect alignment and
soldering of the SMA connector.
Validating the Assembled Board
After assembling the evaluation board, it is recommended
to perform continuity checks on all soldered areas before
commencing with the evaluation process. Time Domain
Reflectometry (TDR) is another highly recommended
validation test.


Similar Part No. - MC100EPT21D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EPT21D ONSEMI-MC100EPT21D Datasheet
66Kb / 4P
   Differential LVPECL to LVTTL Translator
Sep, 1999 ??Rev. 1.0
MC100EPT21D ONSEMI-MC100EPT21D Datasheet
83Kb / 8P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT21DG ONSEMI-MC100EPT21DG Datasheet
83Kb / 8P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT21DG ONSEMI-MC100EPT21DG Datasheet
132Kb / 9P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
September, 2012 ??Rev. 22
MC100EPT21DR2 ONSEMI-MC100EPT21DR2 Datasheet
66Kb / 4P
   Differential LVPECL to LVTTL Translator
Sep, 1999 ??Rev. 1.0
More results

Similar Description - MC100EPT21D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ECLSOIC8EVB ONSEMI-ECLSOIC8EVB Datasheet
201Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
ECLLQFP32EVB ONSEMI-ECLLQFP32EVB Datasheet
238Kb / 22P
   Evaluation Board Manual for High Frequency LQFP32
April, 2003 - Rev. 1
ECLTSSOP20EVB ONSEMI-ECLTSSOP20EVB Datasheet
188Kb / 18P
   Evaluation Board Manual for High Frequency TSSOP 20
May, 2003 - Rev. 1
NB4N527SMNEVB ONSEMI-NB4N527SMNEVB Datasheet
321Kb / 8P
   Evaluation Board Manual for NB4N527S
September, 2008 ??Rev. 1
NBSG111BAEVB ONSEMI-NBSG111BAEVB Datasheet
355Kb / 12P
   Evaluation Board Manual for NBSG111
October, 2003 ??Rev. 0
logo
Sipex Corporation
SP6660EB SIPEX-SP6660EB Datasheet
35Kb / 6P
   Evaluation Board Manual
SP6661EB SIPEX-SP6661EB Datasheet
51Kb / 5P
   Evaluation Board Manual
SP504EB SIPEX-SP504EB Datasheet
132Kb / 18P
   Evaluation Board Manual
logo
Motorola, Inc
MC145192EVK MOTOROLA-MC145192EVK Datasheet
282Kb / 48P
   Evaluation Board Manual
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
   Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com