Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7467PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7467PBF
Description  SMPS MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7467PBF Datasheet(HTML) 2 Page - International Rectifier

  IRF7467PBF Datasheet HTML 1Page - International Rectifier IRF7467PBF Datasheet HTML 2Page - International Rectifier IRF7467PBF Datasheet HTML 3Page - International Rectifier IRF7467PBF Datasheet HTML 4Page - International Rectifier IRF7467PBF Datasheet HTML 5Page - International Rectifier IRF7467PBF Datasheet HTML 6Page - International Rectifier IRF7467PBF Datasheet HTML 7Page - International Rectifier IRF7467PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF7467PbF
2
www.irf.com
Symbol
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
28
–––
–––
S
VDS = 16V, ID = 9.0A
Qg
Total Gate Charge
–––
21
32
ID = 9.0A
Qgs
Gate-to-Source Charge
–––
6.7
10
nC
VDS = 15V
Qgd
Gate-to-Drain ("Miller") Charge
–––
5.8
8.7
VGS = 4.5V
ƒ
Qoss
Output Gate Charge
–––
21
29
VGS = 0V, VDS = 15V
td(on)
Turn-On Delay Time
–––
7.8
–––
VDD = 15V,
tr
Rise Time
–––
2.5
–––
ID = 9.0A
td(off)
Turn-Off Delay Time
–––
19
–––
RG = 1.8Ω
tf
Fall Time
–––
4.0
–––
VGS = 4.5V
ƒ
Ciss
Input Capacitance
–––
2530 –––
VGS = 0V
Coss
Output Capacitance
–––
706
–––
VDS = 15V
Crss
Reverse Transfer Capacitance
–––
46
–––
pF
ƒ = 1.0MHz
Symbol
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
–––
0.79
1.3
V
TJ = 25°C, IS = 9.0A, VGS = 0V
ƒ
–––
0.65
–––
TJ = 125°C, IS = 9.0A, VGS = 0V
trr
Reverse Recovery Time
–––
40
60
ns
TJ = 25°C, IF = 9.0A, VR= 15V
Qrr
Reverse Recovery Charge
–––
56
84
nC
di/dt = 100A/µs
ƒ
trr
Reverse Recovery Time
–––
43
65
ns
TJ = 125°C, IF = 9.0A, VR=15V
Qrr
Reverse Recovery Charge
–––
64
96
nC
di/dt = 100A/µs
ƒ
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
223
mJ
IAR
Avalanche Current

–––
11
A
Avalanche Characteristics
Static @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-Source Leakage Current
RDS(on)
Static Drain-to-Source On-Resistance
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.029 –––
V/°C
Reference to 25°C, ID = 1mA
–––
9.4
12
VGS = 10V, ID = 11A
ƒ
–––
10.6
13.5
m
VGS = 4.5V, ID = 9.0A
ƒ
–––
17
35
VGS = 2.8V, ID = 5.5A
ƒ
VGS(th)
Gate Threshold Voltage
0.6
–––
2.0
V
VDS = VGS, ID = 250µA
–––
–––
20
µA
VDS = 16V, VGS = 0V
–––
–––
100
VDS = 16V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
200
VGS = 12V
Gate-to-Source Reverse Leakage
–––
–––
-200
nA
VGS = -12V
S
D
G
Diode Characteristics
2.3
90
A
VSD
Diode Forward Voltage
Dynamic @ TJ = 25°C (unless otherwise specified)
ns


Similar Part No. - IRF7467PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7467 IRF-IRF7467 Datasheet
114Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=11A)
logo
VBsemi Electronics Co.,...
IRF7467TRPBF VBSEMI-IRF7467TRPBF Datasheet
1Mb / 9P
   N-Channel 20V (D-S) MOSFET
More results

Similar Description - IRF7467PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com