Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZT955 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # FZT955
Description  SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FZT955 Datasheet(HTML) 1 Page - Zetex Semiconductors

  FZT955_05 Datasheet HTML 1Page - Zetex Semiconductors FZT955_05 Datasheet HTML 2Page - Zetex Semiconductors FZT955_05 Datasheet HTML 3Page - Zetex Semiconductors FZT955_05 Datasheet HTML 4Page - Zetex Semiconductors FZT955_05 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SOT223 PNP SILICON PLANAR HIGH CURRENT
(HIGH PERFORMANCE) TRANSISTORS
ISSUE 3 – MARCH 2005
FEATURES
*
4 Amps continuous current (10 Amps peak current)
*
Very low saturation voltages
*
Excellent gain characteristics specified up to 3 Amps
PARTMARKING DETAILS –
DEVICE TYPE IN FULL
COMPLEMENTARY TYPES – FZT955 - FZT855
FZT956 - N/A
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
FZT955
FZT956
UNIT
Collector-Base Voltage
VCBO
-180
-220
V
Collector-Emitter Voltage
VCEO
-140
-200
V
Emitter-Base Voltage
VEBO
-6
V
Peak Pulse Current
ICM
-10
-5
A
Continuous Collector Current
IC
-4
-2
A
Power Dissipation at Tamb=25°C
Ptot
3W
Operating and Storage Temperature
Range
Tj:Tstg
-55 to +150
°C
*The power which can be dissipated assuming the device is mounted in a typical manner on a
P.C.B. with copper equal to 4 square inch minimum
FZT955
FZT956
3 - 284
C
C
E
B


Similar Part No. - FZT955_05

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT955TA DIODES-FZT955TA Datasheet
235Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
FZT955TA DIODES-FZT955TA Datasheet
615Kb / 7P
   140V PNP MEDIUM POWER TRANSISTOR
FZT955 DIODES-FZT955_15 Datasheet
638Kb / 7P
   140V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT955 DIODES-FZT955_16 Datasheet
615Kb / 7P
   140V PNP MEDIUM POWER TRANSISTOR
More results

Similar Description - FZT955_05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FZT957TA ETC-FZT957TA Datasheet
114Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Diodes Incorporated
FZT949TA DIODES-FZT949TA Datasheet
227Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
FZT955TA DIODES-FZT955TA Datasheet
235Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Zetex Semiconductors
FZT951 ZETEX-FZT951 Datasheet
124Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Diodes Incorporated
FZT951TA DIODES-FZT951TA Datasheet
110Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
List of Unclassifed Man...
FZT968TA ETC2-FZT968TA Datasheet
109Kb / 2P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) POWER TRANSISTOR
logo
Diodes Incorporated
FZT968 DIODES-FZT968_15 Datasheet
109Kb / 2P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) POWER TRANSISTOR
FZT955 DIODES-FZT955 Datasheet
235Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT
FZT951 DIODES-FZT951 Datasheet
110Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT
FZT948 DIODES-FZT948 Datasheet
227Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com