Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4040 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # LM4040
Description  Precision micropower shunt voltage references
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

LM4040 Datasheet(HTML) 1 Page - Zetex Semiconductors

  LM4040_07 Datasheet HTML 1Page - Zetex Semiconductors LM4040_07 Datasheet HTML 2Page - Zetex Semiconductors LM4040_07 Datasheet HTML 3Page - Zetex Semiconductors LM4040_07 Datasheet HTML 4Page - Zetex Semiconductors LM4040_07 Datasheet HTML 5Page - Zetex Semiconductors LM4040_07 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Issue 2 - February 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
LM4040
Precision micropower shunt voltage references
Description
Ordering information
The LM4040 is a family of bandgap circuits
designed to achieve precision micro-power
voltage references of 2.5V and 5.0V. The
devices are available in 0.5% C-grade and 1%
D-grade initial tolerances.
They are available in small outline SOT23
surface mount package which is ideal for
applications where space saving is important.
Excellent performance is maintained over the
60µA to 15mA operating current range with a
typical temperature coefficient of only 20ppm/°C.
The device has been designed to be highly
tolerant of capacitive loads so maintaining
excellent stability.
This device offers a pin for pin compatible
alternative to the LM4040 voltage reference.
Features
Small packages: SOT23
No output capacitor required
Output voltage tolerance
LM4040C
±0.5% at 25°C
LM4040D
±1% at 25°C
Low output noise
(10Hz to 10kHz) .............. 45 VRMS
Wide operating current range 60 A to 15mA
Extended temperature range -40°C to +125°C
Low temperature coefficient 100 ppm/°C (max)
Applications
Battery powered equipment
Precision power supplies
Portable instrumentation
Portable communications devices
Notebook and palmtop computers
Data acquisition systems
Pinout information
25°C
Tol.
Voltage
(V)
Order code
Pack
Part
mark
Status
Reel size
Tape
width
QuantIty
per reel
0.5%
2.5
LM4040C25FTA
SOT23
R2C
Preview
7”, 180mm
8mm
3000
5.0
LM4040C50FTA
SOT23
R5C
Preview
7”, 180mm
8mm
3000
1%
2.5
LM4040D25FTA
SOT23
R2D
Preview
7”, 180mm
8mm
3000
5.0
LM4040D50FTA
SOT23
R5D
Preview
7”, 180mm
8mm
3000
*
Anode
Cathode
Top view
* Pin 3 must be left floating or connected to pin 2
1
3
2
LM4040_F (SOT23)


Similar Part No. - LM4040_07

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LM4040 VISHAY-LM4040_07 Datasheet
574Kb / 51P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Texas Instruments
LM4040 TI-LM4040_07 Datasheet
664Kb / 50P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Similar Description - LM4040_07

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040 Datasheet
452Kb / 10P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4041 DIODES-LM4041 Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_08 Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
Analog Devices
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5045 AD-ADR5045_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5040ARTZ AD-ADR5040ARTZ Datasheet
557Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. A
ADR5040 AD-ADR5040 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com