Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41456B5470M000 Datasheet(PDF) 10 Page - EPCOS

Part # B41456B5470M000
Description  Capacitors with Screw Terminals
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41456B5470M000 Datasheet(HTML) 10 Page - EPCOS

Back Button B41456B5470M000 Datasheet HTML 2Page - EPCOS B41456B5470M000 Datasheet HTML 3Page - EPCOS B41456B5470M000 Datasheet HTML 4Page - EPCOS B41456B5470M000 Datasheet HTML 5Page - EPCOS B41456B5470M000 Datasheet HTML 6Page - EPCOS B41456B5470M000 Datasheet HTML 7Page - EPCOS B41456B5470M000 Datasheet HTML 8Page - EPCOS B41456B5470M000 Datasheet HTML 9Page - EPCOS B41456B5470M000 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
1) Refer to chapter "General technical information, 5.3 Calculation of useful life" on how to interpret the useful life graphs.
Useful life
depending on ambient temperature TA under ripple current operating conditions1)
Frequency factor of permissible ripple current IAC versus frequency f
VR (V DC)
≤ 63
100
d = 35.7 mm
a
c
d = 51.6 mm
a
d
d = 64.3 mm
a
d
d = 76.9 mm
b
e
B41456, B41458
Compact
85
°C
Page 10 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41456B5470M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41456B5470M000 EPCOS-B41456B5470M000 Datasheet
453Kb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B41456B5470M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560 EPCOS-B43560 Datasheet
507Kb / 14P
   Capacitors with screw terminals
logo
TDK Electronics
B43700 TDK-B43700_16 Datasheet
647Kb / 17P
   Capacitors with screw terminals
B43701 TDK-B43701_16 Datasheet
617Kb / 17P
   Capacitors with screw terminals
B43712 TDK-B43712_16 Datasheet
672Kb / 21P
   Capacitors with screw terminals
B41456B4100M600 TDK-B41456B4100M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M600 TDK-B41456B5330M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M603 TDK-B41456B5330M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B5470M600 TDK-B41456B5470M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B7220M603 TDK-B41456B7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B7689M600 TDK-B41456B7689M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41560A7220M603 TDK-B41560A7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com