Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57164K0683+000 Datasheet(PDF) 2 Page - EPCOS

Part # B57164K0683+000
Description  Leaded Disks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57164K0683+000 Datasheet(HTML) 2 Page - EPCOS

  B57164K0683+000 Datasheet HTML 1Page - EPCOS B57164K0683+000 Datasheet HTML 2Page - EPCOS B57164K0683+000 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
73
05/02
+: J for
∆R
N/RN = ±
5 %
Kfor
∆R
N/RN = ± 10 %
1 k
1011
3730
B57164K0102+000
1,5 k
1013
3900
B57164K0152+000
2,2 k
1013
3900
B57164K0222+000
3,3 k
4001
3950
B57164K0332+000
4,7 k
4001
3950
B57164K0472+000
6,8 k
2903
4200
B57164K0682+000
10 k
2904
4300
B57164K0103+000
15 k
1014
4250
B57164K0153+000
22 k
1012
4300
B57164K0223+000
33 k
1012
4300
B57164K0333+000
47 k
4003
4450
B57164K0473+000
68 k
2005
4600
B57164K0683+000
100 k
2005
4600
B57164K0104+000
150 k
2005
4600
B57164K0154+000
220 k
2007
4830
B57164K0224+000
330 k
2006
5000
B57164K0334+000
470 k
2006
5000
B57164K0474+000
Reliability data
Test
Standard
Test conditions
∆R
25/R25 (typ.)
Remarks
Storage in
dry heat
IEC
60068-2-2
Storage at upper category
temperature T: 125
°C
t: 1000 h
< 3 %
No visible
damage
Storage in damp
heat, steady state
IEC
60068-2-3
Temperature of air: 40
°C
Relative humidity of air: 93 %
Duration: 21 days
< 3 %
No visible
damage
Rapid temperature
cycling
IEC
60068-2-14
Lower test temperature: – 55
°C
Upper test temperature: 125
°C
Number of cycles: 100
< 3 %
No visible
damage
Endurance
Pmax: 450 mW
t: 1000 h
< 3 %
No visible
damage
Long-term stability
(empirical value)
Temperature: 125
°C
t: 10 000 h
< 5 %
No visible
damage
R25
No. of R/T
characteristic
B25/100
K
Ordering code
B57164
Temperature Measurement
K164
Leaded Disks


Similar Part No. - B57164K0683+000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57164K0683000 EPCOS-B57164K0683000 Datasheet
557Kb / 30P
   NTC thermistors for temperature measurement
logo
TDK Electronics
B57164K0683000 TDK-B57164K0683000 Datasheet
584Kb / 30P
   NTC thermistors for temperature measurement
logo
EPCOS
B57164K0683J000 EPCOS-B57164K0683J000 Datasheet
362Kb / 24P
   NTC thermistors for temperature measurement
B57164K0683K000 EPCOS-B57164K0683K000 Datasheet
362Kb / 24P
   NTC thermistors for temperature measurement
More results

Similar Description - B57164K0683+000

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SCD-102-501AVN LEIDITECH-SCD-102-501AVN Datasheet
332Kb / 1P
   Leaded disks ceramic PTC
logo
EPCOS
B59830C0160A070 EPCOS-B59830C0160A070 Datasheet
83Kb / 5P
   Leaded Disks, Coated, 110 V
B59008C0060A040 EPCOS-B59008C0060A040 Datasheet
73Kb / 4P
   Limit Temperature Sensors, Leaded Disks
B59610B1120A070 EPCOS-B59610B1120A070 Datasheet
72Kb / 4P
   Line Card Applications, Leaded Disks
B59910C0130A070 EPCOS-B59910C0130A070 Datasheet
886Kb / 13P
   Leaded disks, coated, 63 V
B59935 EPCOS-B59935 Datasheet
82Kb / 5P
   Overcurrent Protection Leaded Disks, Coated
B59910 EPCOS-B59910 Datasheet
144Kb / 10P
   Overcurrent Protection Leaded Disks, Coated
B59100C0920A070 EPCOS-B59100C0920A070 Datasheet
81Kb / 5P
   Sensors Limit Temperature Sensors, Leaded Disks, Coated
B597XXB EPCOS-B597XXB Datasheet
106Kb / 6P
   Leaded Disks, Uncoated, 380 V to 1000 V
B59943 EPCOS-B59943 Datasheet
71Kb / 3P
   Overcurrent Protection Leaded Disks, Coated, 42 V Power Net
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com