Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUL47A Datasheet(PDF) 2 Page - Seme LAB

Part # BUL47A
Description  ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BUL47A Datasheet(HTML) 2 Page - Seme LAB

  BUL47A Datasheet HTML 1Page - Seme LAB BUL47A Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BUL47A
Document 3880
Issue 1
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCEO(sus)
V(BR)CBO
V(BR)EBO
ICBO
ICEO
IEBO
hFE*
VCE(sat)*
VBE(sat)*
ft
Cob
Collector – Emitter Sustaining Voltage
Collector – Base Breakdown Voltage
Emitter – Base Breakdown Voltage
Collector – Base Cut–Off Current
Collector – Emitter Cut–Off Current
Emitter Cut–Off Current
DC Current Gain
Collector – Emitter Saturation Voltage
Base – Emitter Saturation Voltage
Transition Frequency
Output Capacitance
300
600
10
10
100
100
10
100
15
20
25
0.7
1.1
20
260
V
µA
µA
µA
V
MHz
pF
IC = 100mA
IB = 0
IC = 1mA
IE = 0
IE = 1mA
IC = 0
VCB = 600V
IE = 0
TC = 125°C
IB = 0
VCE = 300V
VEB = 5V
IC = 0
TC = 125°C
IC = 1A
VCE = 4V
IC = 10A
VCE = 4V
IC = 25A
VCE = 4V
IC = 30A
IB = 6A
IC = 10A
IB = 1A
IC = 100
VCE = 4V
f = 10MHz
VCB = 20V
f = 10MHz
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
* Pulse test tp = 300µs , δ < 2%
ELECTRICAL CHARACTERISTICS
DYNAMIC CHARACTERISTICS
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.


Similar Part No. - BUL47A

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BUL47B SEME-LAB-BUL47B Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
More results

Similar Description - BUL47A

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BUL54A SEME-LAB-BUL54A Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL54B SEME-LAB-BUL54B Datasheet
18Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL55A SEME-LAB-BUL55A Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL55B SEME-LAB-BUL55B Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL58A SEME-LAB-BUL58A Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL62B SEME-LAB-BUL62B Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL74B SEME-LAB-BUL74B Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL76A SEME-LAB-BUL76A Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL49A SEME-LAB-BUL49A Datasheet
16Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL52BFI SEME-LAB-BUL52BFI Datasheet
18Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL53A SEME-LAB-BUL53A Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com