Selected language     English  ▼


ULN2803APG Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. ULN2803APG
Description  8ch Darlington Sink Driver
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

 
 4 page
background image
ULN2803,04APG/AFWG
2006-02-15
4
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Cir−
Cuit
Test Condition
Min
Typ.
Max
Unit
VCE = 50 V
Ta = 25°C
50
Output leakage current
VCE = 50 V
Ta = 85°C
100
ULN2804A
ICEX
1
VCE = 50 V
VIN = 1 V
500
µA
IOUT = 350 mA, IIN = 500 µA
1.3
1.6
IOUT = 200 mA, IIN = 350 µA
1.1
1.3
Collector−emitter saturation voltage
VCE (sat)
2
IOUT = 100 mA, IIN = 250 µA
0.9
1.1
V
ULN2803A
VIN = 3.85 V
0.93
1.35
VIN = 5 V
0.35
0.5
ULN2804A
IIN (ON)
2
VIN = 12 V
1.0
1.45
mA
Input current
IIN (OFF)
4
IOUT = 500 µA, Ta = 85°C
50
65
µA
VCE = 2 V, IOUT = 200 mA
2.4
VCE = 2 V, IOUT = 250 mA
2.7
ULN2803A
VCE = 2 V, IOUT = 300 mA
3.0
VCE = 2 V, IOUT = 125 mA
5.0
VCE = 2 V, IOUT = 200 mA
6.0
VCE = 2 V, IOUT = 275 mA
7.0
Input voltage
(Output on)
ULN2804A
VIN (ON)
5
VCE = 2 V, IOUT = 350 mA
8.0
V
DC current transfer ratio
hFE
2
VCE = 2 V, IOUT = 350 mA
1000
Ta = 25°C
(Note)
50
Clamp diode reverse current
IR
6
Ta = 85°C
(Note)
100
µA
Clamp diode forward voltage
VF
7
IF = 350 mA
2.0
V
Input capacitance
CIN
15
pF
Turn−on delay
tON
RL = 125 Ω, VOUT = 50 V
0.1
Turn−off delay
tOFF
8
RL = 125 Ω, VOUT = 50 V
0.2
µs
Note:
VR = VR MAX.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ULN20047CH DARLINGTON SINK DRIVER 1 2 3 4 5 MoreUnisonic Technologies
BU931T_03HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
BU941ZP_05HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON TRANSISTORS 1 2 3 4 5 MoreSTMicroelectronics
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
BU941NPN POWER DARLINGTON HIGH VOLTAGE IGNITION COIL DRIVER 1 2 3 4 Unisonic Technologies
STP08C5968-BIT CONSTANT CURRENT LED SINK DRIVER 1 2 3 4 5 MoreSTMicroelectronics
STP16CP05Low voltage 16-Bit constant current LED sink driver 1 2 3 4 5 MoreSTMicroelectronics
CS3341_05Alternator Voltage Regulator Darlington Driver 1 2 3 4 5 MoreON Semiconductor
ULN2003AHIGH-VOLTAGE HIGH-CURRENT DARLINGTON ARRAYS 1 2 3 4 5 MoreAllegro MicroSystems
2N6035_06Plastic Darlington Complementary Silicon Power Transistors 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl