Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4040 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # B4040
Description  SAW Components Low-Loss Duplexer for Mobile Communication
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

B4040 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  B4040 Datasheet HTML 1Page - Siemens Semiconductor Group B4040 Datasheet HTML 2Page - Siemens Semiconductor Group B4040 Datasheet HTML 3Page - Siemens Semiconductor Group B4040 Datasheet HTML 4Page - Siemens Semiconductor Group B4040 Datasheet HTML 5Page - Siemens Semiconductor Group B4040 Datasheet HTML 6Page - Siemens Semiconductor Group B4040 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Preliminary format of data sheet
Terms of delivery and rights to change design reserved.
OFW EM CP
Page 4 of 7
Mar 22, 1999
SAW Components
Data Sheet
B4040
926,25 MHz
903,75 MHz
Low-Loss Duplexer for Mobile Communication
Frequency response channel 1 :
Frequency response channel 2 :


Similar Part No. - B4040

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
B404 MIC-B404 Datasheet
45Kb / 2P
   BLOCK TYPE AUTOMOTIVE PECTIFIER
B404-N MIC-B404-N Datasheet
45Kb / 2P
   BLOCK TYPE AUTOMOTIVE PECTIFIER
B404-P MIC-B404-P Datasheet
45Kb / 2P
   BLOCK TYPE AUTOMOTIVE PECTIFIER
logo
EPCOS
B4041 EPCOS-B4041 Datasheet
66Kb / 7P
   SAW filter 2450.00 MHz
B4041 EPCOS-B4041 Datasheet
67Kb / 7P
   SAW RF filter Short range devices
More results

Similar Description - B4040

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4005 EPCOS-B4005 Datasheet
109Kb / 7P
   SAW Components Low-Loss Duplexer for Mobile Communication 959.5 MHz
B4063 EPCOS-B4063 Datasheet
106Kb / 9P
   SAW Components Low-Loss Duplexer for Mobile Communication 926,25 / 903,75 MHz
B4062 EPCOS-B4062 Datasheet
119Kb / 9P
   Low-Loss Duplexer for Mobile Communication
B7714 EPCOS-B7714 Datasheet
72Kb / 6P
   Low-Loss Filter for Mobile Communication SAW Components
B7832 EPCOS-B7832 Datasheet
78Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication
B9014 EPCOS-B9014 Datasheet
59Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication
logo
TDK Electronics
B39131B4926H310 TDK-B39131B4926H310 Datasheet
82Kb / 5P
   SAW Components Low-Loss Filter for Mobile Communication
logo
EPCOS
B4124 EPCOS-B4124 Datasheet
100Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B4135 EPCOS-B4135 Datasheet
101Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 1960,00 MHz
B4146 EPCOS-B4146 Datasheet
97Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,50 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com