Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5326A-B-GM Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI5326A-B-GM
Description  ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5326A-B-GM Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI5326A-B-GM Datasheet HTML 7Page - Silicon Laboratories SI5326A-B-GM Datasheet HTML 8Page - Silicon Laboratories SI5326A-B-GM Datasheet HTML 9Page - Silicon Laboratories SI5326A-B-GM Datasheet HTML 10Page - Silicon Laboratories SI5326A-B-GM Datasheet HTML 11Page - Silicon Laboratories SI5326A-B-GM Datasheet HTML 12Page - Silicon Laboratories SI5326A-B-GM Datasheet HTML 13Page - Silicon Laboratories SI5326A-B-GM Datasheet HTML 14Page - Silicon Laboratories SI5326A-B-GM Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Si5326
Confidential Rev. 0.2
11
3. Ordering Guide
Ordering Part
Number
Output Clock Frequency
Range
Package
Temperature Range
Si5326A-B-GM
2 kHz–945 MHz
970–1134 MHz
1.213–1.417 GHz
36-Lead 6 x 6 mm QFN
–40 to 85 °C
Si5326B-B-GM
2 kHz–808 MHz
36-Lead 6 x 6 mm QFN
–40 to 85 °C
Si5326C-B-GM
2 kHz–346 MHz
36-Lead 6 x 6 mm QFN
–40 to 85 °C


Similar Part No. - SI5326A-B-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si5326A-C-GM SILABS-Si5326A-C-GM Datasheet
381Kb / 72P
   ANY FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5326A-C-GM SKYWORKS-SI5326A-C-GM Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results

Similar Description - SI5326A-B-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5368 SILABS-SI5368 Datasheet
713Kb / 18P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5319 SILABS-SI5319 Datasheet
257Kb / 16P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5327 SKYWORKS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5326 SKYWORKS-SI5326 Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5326C-C-GM SILABS-SI5326C-C-GM Datasheet
381Kb / 72P
   ANY FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com