Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBM2080 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # CBM2080
Description  Fastest & Securest USB 2.0/USB1.1 Flash Disk Controller with dedicated 32-bit microprocessor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CBM2080 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button CBM2080 Datasheet HTML 7Page - List of Unclassifed Manufacturers CBM2080 Datasheet HTML 8Page - List of Unclassifed Manufacturers CBM2080 Datasheet HTML 9Page - List of Unclassifed Manufacturers CBM2080 Datasheet HTML 10Page - List of Unclassifed Manufacturers CBM2080 Datasheet HTML 11Page - List of Unclassifed Manufacturers CBM2080 Datasheet HTML 12Page - List of Unclassifed Manufacturers CBM2080 Datasheet HTML 13Page - List of Unclassifed Manufacturers CBM2080 Datasheet HTML 14Page - List of Unclassifed Manufacturers CBM2080 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
9
CBM2080/CBM1180 Datasheet
-9 -
March 22, 2005
6 Electrical Characteristics
6.1 Absolute maximum ratings
In accordance with the Absolute Maximum Rating System (IEC 60134).
symbol
parameter
conditions
min
max
unit
VCCA
analog supply voltage
-0.5
5.5
v
VCCD
digital supply voltage
-0.5
4.5
v
VI
input voltage
-0.5
5.5
v
DP, DM and
GND pins
-4000
+4000
Vesd
electrostatic
discharge voltage[1]
ILI <
1 A
other pins
-2000
+2000
v
Tstg
storage temperature
-40
+125
 ℃
[1] Equivalent to discharging a 100 pF capacitor via a 1.5 k resistor (Human Body Model).
 
6.2 Recommended operating conditions
symbol
Parameter
conditions
min
Typ
max
Unit
VCCA
analog supply voltage
3.0
3.3
3.6
V
VCCD
digital supply voltage
3.0
3.3
3.6
V
VI
input voltage
0
-
VCCD
V
Low/Full speed
0
3.3
3.6
V
VI(AI/O)
input voltage on analog
I/O pins DP DM
High speed
0
400
-
mV
Tamb
ambient temperature
0
-
+70
6.3 Static characteristics
All parameters are measured at VCCA = VCCD = 3.0 to 3.6 V; VAGND = VDGND = 0 V; Tamb
= 40 to 85 ℃;
symbol
Parameter
Conditions
min
Typ
max
Unit
Full-speed transmitting and
receiving;
-
29.5
-
ICC
operating
supply current
high-speed transmitting and
receiving
-
50
mA
ICC(susp)
suspend
supply current
in suspend mode
-
500
 
uA


Similar Part No. - CBM2080

ManufacturerPart #DatasheetDescription
logo
COREBAI Microelectronic...
CBM2003 COREBAI-CBM2003 Datasheet
1Mb / 11P
   OPERATION INSTRUCTION
CBM2003A COREBAI-CBM2003A Datasheet
1Mb / 11P
   OPERATION INSTRUCTION
CBM2003ADP16 COREBAI-CBM2003ADP16 Datasheet
1Mb / 11P
   OPERATION INSTRUCTION
CBM2003AS16 COREBAI-CBM2003AS16 Datasheet
1Mb / 11P
   OPERATION INSTRUCTION
CBM2004 COREBAI-CBM2004 Datasheet
1Mb / 11P
   OPERATION INSTRUCTION
More results

Similar Description - CBM2080

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MW6208 ETC-MW6208 Datasheet
401Kb / 18P
   USB 2.0 FLASH DISK CONTROLLER
Revision 1.0 May 2007
AU69XX ETC1-AU69XX Datasheet
1Mb / 2P
   AU6998SN - USB 2.0 Universal Flash Disk Controller
AU9387 ETC2-AU9387 Datasheet
1Mb / 22P
   USB1.1 Universal Flash Disk Controller Technical Reference Manual
logo
Taiwan Memory Technolog...
I5062-ZD TMT-I5062-ZD Datasheet
134Kb / 8P
   USB Flash Disk Controller
logo
List of Unclassifed Man...
I5062-ZD ETC1-I5062-ZD Datasheet
129Kb / 8P
   USB Flash Disk Controller
AU9384 ETC-AU9384 Datasheet
461Kb / 24P
   USB Flash Disk Controller
logo
Taiwan Memory Technolog...
I5068-Z TMT-I5068-Z Datasheet
132Kb / 8P
   USB Flash Disk Controller
logo
List of Unclassifed Man...
I5068-Z ETC2-I5068-Z Datasheet
124Kb / 7P
   USB Flash Disk Controller
AU9386 ETC2-AU9386 Datasheet
156Kb / 17P
   USB Flash Disk Controller
PL-2315 ETC-PL-2315 Datasheet
72Kb / 1P
   USB Portable Flash Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com