Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37951K5224M072 Datasheet(PDF) 2 Page - EPCOS

Part # B37951K5224M072
Description  Multilayer Ceramic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37951K5224M072 Datasheet(HTML) 2 Page - EPCOS

  B37951K5224M072 Datasheet HTML 1Page - EPCOS B37951K5224M072 Datasheet HTML 2Page - EPCOS B37951K5224M072 Datasheet HTML 3Page - EPCOS B37951K5224M072 Datasheet HTML 4Page - EPCOS B37951K5224M072 Datasheet HTML 5Page - EPCOS B37951K5224M072 Datasheet HTML 6Page - EPCOS B37951K5224M072 Datasheet HTML 7Page - EPCOS B37951K5224M072 Datasheet HTML 8Page - EPCOS B37951K5224M072 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
81
10/02
Features
Extremely high volumetric efficiency
Non-linear capacitance change
Y5U characteristic is also fulfilled
Applications
Blocking
Coupling
Decoupling
Interference suppression
Termination
For soldering: Nickel-barrier termination (Ni) for case sizes 0603 to 1210
Silver-palladium termination (AgPd) for case sizes 1812 and 2220
Delivery mode
Cardboard and blister tape (blister tape for chip thickness
³ 1,2 ± 0,1 mm and case sizes ³ 1210),
180-mm and 330-mm reel available
Bulk case for case sizes 0603 and 0805 (
³ 68 nF)
Electrical data
Temperature characteristic
Z5U (Y5U)1)
Climatic category (IEC 60068-1)
30/85/56
Standard
EIA
Dielectric
Class 2
Rated voltage2)
VR
25, 50
VDC
Test voltage
Vtest
2,5 · VR/5 s
VDC
Capacitance range
CR
10 nF … 4,7
mF
Max. relative capacitance change
DC/C
+22/–56
%
Dissipation factor (limit value)
tan
d
< 50 · 10–3
Insulation resistance3) at +25
°C
Rins
> 104
M
W
Time constant 3) at +25
°C
t
> 500
s
Operating temperature range
Top
– 30 … +85
°C
Ageing4)
yes
1) Y5U specification is also fulfilled.
2) Note: No operation on AC line.
3) For CR > 10 nF the time constant t = C · Rins is given.
4) Refer to chapter “General Technical Information”, page 197.
Chip
Z5U (Y5U)
Multilayer Ceramic Capacitors


Similar Part No. - B37951K5224M072

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37950K1103K060 EPCOS-B37950K1103K060 Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
B37950K1104K060 EPCOS-B37950K1104K060 Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
B37950K1104K062 EPCOS-B37950K1104K062 Datasheet
810Kb / 37P
   Multilayer ceramic capacitors
B37950K1104K072 EPCOS-B37950K1104K072 Datasheet
810Kb / 37P
   Multilayer ceramic capacitors
B37950K1153K060 EPCOS-B37950K1153K060 Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
More results

Similar Description - B37951K5224M072

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com