Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41554E5159Q000 Datasheet(PDF) 6 Page - EPCOS

Part # B41554E5159Q000
Description  Highly professional power supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41554E5159Q000 Datasheet(HTML) 6 Page - EPCOS

Back Button B41554E5159Q000 Datasheet HTML 2Page - EPCOS B41554E5159Q000 Datasheet HTML 3Page - EPCOS B41554E5159Q000 Datasheet HTML 4Page - EPCOS B41554E5159Q000 Datasheet HTML 5Page - EPCOS B41554E5159Q000 Datasheet HTML 6Page - EPCOS B41554E5159Q000 Datasheet HTML 7Page - EPCOS B41554E5159Q000 Datasheet HTML 8Page - EPCOS B41554E5159Q000 Datasheet HTML 9Page - EPCOS B41554E5159Q000 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
106 10/02
SIKOREL 125 °C
B41554
63
2 200
35,7
× 55,7 60
30
13
9,4
3,4
B41554E8228Q000
3 300
35,7
× 80,7 39
24
19
14
4,9
B41554E8338Q000
4 700
35,7
× 80,7 31
20
24
17
6,2
B41554E8478Q000
6 800
35,7
× 105,7 23
17
28
20
7,2
B41554E8688Q000
10 000
51,6
× 80,7 18
14
30
27
9,6
B41554E8109Q000
15 000
64,3
× 80,7 15
11
40
31
11
B41554E8159Q000
22 000
64,3
× 105,7 12
9,0
40
35
13
B41554E8229Q000
33 000
76,9
× 105,7 9,0
8,0
40
39
15
B41554E8339Q000
47 000
76,9
× 143,2 7,0
6,0
40
40
19
B41554B8479Q000
100
1 500
35,7
× 55,7 83
34
12
8,8
3,1
B41554B9158Q000
2 200
35,7
× 80,7 57
30
17
12
4,2
B41554E9228Q000
3 300
35,7
× 105,7 37
24
21
15
5,4
B41554E9338Q000
4 700
51,6
× 80,7 29
20
29
20
7,2
B41554E9478Q000
6 800
64,3
× 80,7 22
17
36
25
9,1
B41554E9688Q000
10 000
64,3
× 80,7 15
14
40
30
11
B41554E9109Q000
15 000
64,3
× 105,7 13
11
40
36
13
B41554E9159Q000
22 000
76,9
× 105,7 11
9,0
40
39
14
B41554B9229Q000
33 000
76,9
× 143,2 9,0
8,0
40
40
17
B41554B9339Q000
Technical data and ordering codes
UR
VDC
CR
100 Hz
20 °C
µF
Case
dimensions
d
× l
mm
ESRmax
100 Hz
20 °C
m
Zmax
20 kHz
20 °C
m
I~max
100 Hz
40 °C
A
I~max
100 Hz
85 °C
A
I~R
100 Hz
125 °C
A
Ordering code


Similar Part No. - B41554E5159Q000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41554E5159Q000 EPCOS-B41554E5159Q000 Datasheet
440Kb / 17P
   Aluminum electrolytic capacitors
logo
TDK Electronics
B41554E5159Q000 TDK-B41554E5159Q000 Datasheet
415Kb / 18P
   Aluminum electrolytic capacitors
More results

Similar Description - B41554E5159Q000

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP264 POWERINT-TOP264_11 Datasheet
3Mb / 40P
   Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
TOP270KG-TL POWERINT-TOP270KG-TL Datasheet
2Mb / 40P
   Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
TOP264-271 POWERINT-TOP264-271 Datasheet
3Mb / 36P
   Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
logo
List of Unclassifed Man...
71030 ETC2-71030 Datasheet
3Mb / 1P
   Professional Tools for Professional Results
logo
PHOENIX CONTACT
2522 PHOENIX-2522 Datasheet
185Kb / 3P
   VARIOFACE Professional for power distribution
05/2009
logo
Power Integrations, Inc...
TOP264 POWERINT-TOP264_V01 Datasheet
2Mb / 40P
   Integrated Off-Line Switcher with EcoSmart™ Technology for Highly Efficient Power Supplies
May 2015
logo
List of Unclassifed Man...
WC610620PFLAP ETC1-WC610620PFLAP Datasheet
69Kb / 1P
   Professional Handcrimpwerkzeug Professional hand crimp tool
logo
OSRAM GmbH
GDPSLR31.13 OSRAM-GDPSLR31.13 Datasheet
1Mb / 21P
   Professional downlights
logo
PHOENIX CONTACT
2810230 PHOENIX-2810230 Datasheet
110Kb / 6P
   Highly-compact repeater power supplies for electrical isolation, amplification, and filtering of standard analog signals
logo
Advantech Co., Ltd.
PS-700ATX-ZE ADVANTECH-PS-700ATX-ZE Datasheet
130Kb / 1P
   Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com