Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43455B4478M000 Datasheet(PDF) 6 Page - EPCOS

Part # B43455B4478M000
Description  Uninterruptible power supplies
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43455B4478M000 Datasheet(HTML) 6 Page - EPCOS

  B43455B4478M000 Datasheet HTML 1Page - EPCOS B43455B4478M000 Datasheet HTML 2Page - EPCOS B43455B4478M000 Datasheet HTML 3Page - EPCOS B43455B4478M000 Datasheet HTML 4Page - EPCOS B43455B4478M000 Datasheet HTML 5Page - EPCOS B43455B4478M000 Datasheet HTML 6Page - EPCOS B43455B4478M000 Datasheet HTML 7Page - EPCOS B43455B4478M000 Datasheet HTML 8Page - EPCOS B43455B4478M000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
122 10/02
Standard 85 °C
B43455 / B43457
Technical data and ordering codes
UR
VDC
CR
1
00 Hz
20 °C
µF
Case
dimensions
d
× l
mm
ESRmax
100 Hz
20 °C
m
Zmax
10 kHz
20 °C
m
I~max
100 Hz
40 °C
A
I~max
100 Hz
85 °C
A
I~R
100 Hz
85 °C
A
I~R(B)
100 Hz
85 °C
A
Ordering code1)
350
1 000 51,6
× 80,7 129
140
13
5,4
4,5
7,8
B4345*A4108M000
1 500 51,6
× 105,7 93
110
16
7,0
5,8
9,2
B4345*A4158M000
2 200 51,6
× 105,7 72
63
20
8,5
7,1
13
B4345*B4228M000
3 300 64,3
× 105,7 48
43
23
9,8
8,2
14
B4345*B4338M0002)
4 700 76,9
× 105,7 38
35
28
12
10
19
B4345*B4478M0002)
6 000 76,9
× 143,2 32
30
32
14
12
19
B4345*A4608M0002)
6 800 76,9
× 143,2 27
27
36
16
13
22
B4345*A4688M0002)
8 200 91,0
× 144,5 23
23
42
18
15
26
B4345*A4828M0002)
10 000 91,0
× 144,5 20
22
48
21
17
31
B4345*B4109M0002)
12 000 91,0
× 191,0 17
21
54
23
20
30
B4345*A4129M0002)
400
1 000 51,6
× 80,7 129
140
13
5,2
4,8
8,9
B4345*A0108M000
1 500 51,6
× 105,7 93
110
17
6,8
6,2
11
B4345*A9158M000
2 200 64,3
× 105,7 72
63
21
8,4
7,6
13
B4345*A0228M0002)
3 300 76,9
× 105,7 54
48
23
8,5
8,5
16
B4345*A0338M0002)
4 700 76,9
× 143,2 41
37
29
11
11
17
B4345*A0478M0002)
4 700 91,0
× 97,0 41
37
30
13
11
23
B4345*K0478M0002)
6 000 76,9
× 220,7 32
30
35
15
13
17
B4345*A0608M0002)
6 800 91,0
× 144,5 38
35
39
17
14
24
B4345*A0688M0002)
10 000 91,0
× 191,0 26
26
50
22
18
28
B4345*A0109M0002)
12 000 91,0
× 221,0 22
22
58
25
21
31
B4345*A0129M0002)
450
470 51,6
× 80,7 390
420
7,0
3,1
2,6
4,1
B4345*A5477M000
1 000 51,6
× 80,7 180
200
12
5,1
4,2
8,6
B4345*B5108M000
1 500 64,3
× 105,7 120
130
16
6,9
5,8
9,4
B4345*A5158M0002)
2 200 64,3
× 105,7 81
70
18
7,9
6,6
12
B4345*B5228M0002)
3 300 76,9
× 143,2 54
48
25
11
9,1
14
B4345*A5338M0002)
4 700 76,9
× 220,7 42
39
31
14
11
15
B4345*A5478M0002)
4 700 91,0
× 144,5 42
39
31
14
11
19
B4345*J5478M0002)
6 000 76,9
× 220,7 33
31
38
17
14
19
B4345*A5608M0002)
8 200 91,0
× 221,0 24
24
48
21
18
25
B4345*A5828M0002)
1) * “5” = for capacitors with ring clip/clamp mounting
“7” = for capacitors with threaded stud
2) For 2-pad solution (types withoud threaded stud) and for low-inductance design, see page 120.


Similar Part No. - B43455B4478M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43455B4478M000 EPCOS-B43455B4478M000 Datasheet
504Kb / 18P
   Aluminum electrolytic capacitors
More results

Similar Description - B43455B4478M000

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH210N08 FAIRCHILD-FDH210N08 Datasheet
767Kb / 8P
   Motor Drives and Uninterruptible Power Supplies
logo
Ultralife Corporation.
EL8000-UPS ULTRALIFE-EL8000-UPS Datasheet
3Mb / 2P
   Uninterruptible Power Supply
Rev 3
logo
Fairchild Semiconductor
FDD8N50NZ FAIRCHILD-FDD8N50NZ Datasheet
612Kb / 8P
   Uninterruptible Power Supply
logo
Nova Electric. All Righ...
GRSLPFC11-3K60 NOVA-GRSLPFC11-3K60 Datasheet
410Kb / 2P
   UNINTERRUPTIBLE POWER SYSTEM
logo
IXYS Corporation
IXA37IF1200HJ IXYS-IXA37IF1200HJ Datasheet
150Kb / 6P
   Uninterruptible power supply
logo
Fairchild Semiconductor
FDD10N20LZ FAIRCHILD-FDD10N20LZ Datasheet
615Kb / 8P
   Uninterruptible Power Supply
logo
International Rectifier
IRLS3034-7PPBF IRF-IRLS3034-7PPBF_15 Datasheet
331Kb / 9P
   Uninterruptible Power Supply
logo
PHOENIX CONTACT
107563 PHOENIX-107563 Datasheet
925Kb / 34P
   Uninterruptible power supply
2018-05-02
logo
Murata Power Solutions ...
SP1650 MURATA-PS-SP1650 Datasheet
84Kb / 1P
   CATV Uninterruptible Power Supply
logo
Toshiba Semiconductor
T1000 TOSHIBA-T1000 Datasheet
8Mb / 118P
   UNINTERRUPTIBLE POWER SYSTEM (UPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com