Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37923K5100B060 Datasheet(PDF) 9 Page - EPCOS

Part # B37923K5100B060
Description  Ultra-low ESR and high Q factor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37923K5100B060 Datasheet(HTML) 9 Page - EPCOS

Back Button B37923K5100B060 Datasheet HTML 5Page - EPCOS B37923K5100B060 Datasheet HTML 6Page - EPCOS B37923K5100B060 Datasheet HTML 7Page - EPCOS B37923K5100B060 Datasheet HTML 8Page - EPCOS B37923K5100B060 Datasheet HTML 9Page - EPCOS B37923K5100B060 Datasheet HTML 10Page - EPCOS B37923K5100B060 Datasheet HTML 11Page - EPCOS B37923K5100B060 Datasheet HTML 12Page - EPCOS B37923K5100B060 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Multilayer Ceramic Capacitors
126 10/02
HQF
Typical RF performance for HQF capacitors, case size 0603, 50 VDC
Capacitance
pF
fres1)
MHz
ESR @ 1 GHz2)
m
W
Q @ 1 GHz2)
ESR @ fres2)
m
W
0,4
17800
445
860
595
0,5
17100
400
805
540
0,6
13600
385
755
510
0,7
12200
345
635
440
0,8
11400
325
595
410
0,9
10600
315
560
390
1,0
9600
300
525
365
1,2
8800
275
455
335
1,5
7900
250
395
300
1,8
6900
240
360
285
2,2
5750
215
305
250
2,7
5100
200
270
235
3,3
4700
185
235
210
3,9
4150
175
210
200
4,7
3550
165
185
185
5,6
3130
150
160
170
6,8
2850
140
135
155
8,2
2730
130
115
140
10
2580
120
96
130
12
2400
110
76
118
15
2150
102
62
108
18
2050
96
50
100
22
1870
88
34
90
27
1780
80
26
82
Capacitance
pF
fres1)
MHz
ESR @ 300 MHz2)
m
W
Q @ 300 MHz2) ESR @ fres2)
m
W
82
930
52
105
52
1) Measured with impedance analyser E 4991A, parts not soldered.
2) Measured with network analyser HP 8753D, parts soldered.
HQF; 0603


Similar Part No. - B37923K5100B060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37923K5100B060 EPCOS-B37923K5100B060 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
More results

Similar Description - B37923K5100B060

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
300152M6R3JS0E ETC2-300152M6R3JS0E Datasheet
487Kb / 11P
   High Capacitance and Ultra-Low ESR
logo
Cornell Dubilier Electr...
325 CDE-325_15 Datasheet
1Mb / 5P
   High Temperature and Ultra-Low ESR
300 CDE-300_17 Datasheet
764Kb / 12P
   High Capacitance and Ultra-Low ESR
logo
List of Unclassifed Man...
600F0R3AT250XT ETC2-600F0R3AT250XT Datasheet
345Kb / 5P
   Ultra-Low ESR, High Q, NPO RF Microwave Capacitors
ATC600L ETC1-ATC600L Datasheet
334Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
ATC600F ETC2-ATC600F Datasheet
191Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
ATC600L ETC2-ATC600L Datasheet
183Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
600S6R8CT250T ETC-600S6R8CT250T Datasheet
472Kb / 6P
   Ultra-Low ESR, High Q, NPO RF &Microwave Capacitors
ATC600F ETC1-ATC600F Datasheet
361Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
logo
MERITEK ELECTRONICS COR...
UQ MERITEK-UQ Datasheet
330Kb / 7P
   High Q and low ESR performance at high frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com