Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43456A4189M000 Datasheet(PDF) 7 Page - EPCOS

Part # B43456A4189M000
Description  Frequency converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43456A4189M000 Datasheet(HTML) 7 Page - EPCOS

  B43456A4189M000 Datasheet HTML 1Page - EPCOS B43456A4189M000 Datasheet HTML 2Page - EPCOS B43456A4189M000 Datasheet HTML 3Page - EPCOS B43456A4189M000 Datasheet HTML 4Page - EPCOS B43456A4189M000 Datasheet HTML 5Page - EPCOS B43456A4189M000 Datasheet HTML 6Page - EPCOS B43456A4189M000 Datasheet HTML 7Page - EPCOS B43456A4189M000 Datasheet HTML 8Page - EPCOS B43456A4189M000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
131 10/02
Compact 85 °C
B43456 / B43458
Useful life
depending on ambient temperature
TA (for natural cooling) and versus temperature of case base TB
(for base cooling) under ripple current operating conditions1)
Frequency factor of
permissible ripple current
I~
versus frequency
f
100
40
0
50
60
70
80
90
AB
T
˚C
T ;
0,5
1,0
1,5
2,0
3,0
B43456/458
KAL0528-Q
R
Ι
R
Ι~
Ι~
Ι~
;
(B)
~
1) The ripple current refers to
I~
R for natural cooling or to I~R(B) for base cooling, respectively.
Refer to page 40 for an explanation on how to interpret the useful life graphs.
KAL0332-6
0,6
f
10 1
Hz
2
10
3
10
4
10
55
0,7
0,8
0,9
1,0
1,1
1,2
1,3
1,5
B43456/458
Ι
100 Hz
f
~
Ι ~


Similar Part No. - B43456A4189M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43456A4189M000 EPCOS-B43456A4189M000 Datasheet
499Kb / 18P
   Aluminum electrolytic capacitors
More results

Similar Description - B43456A4189M000

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-EBW OHMITE-RES-EBW Datasheet
480Kb / 2P
   Frequency converters
logo
EPCOS
B43564A4108M000 EPCOS-B43564A4108M000 Datasheet
191Kb / 10P
   Frequency converters
logo
Ohmite Mfg. Co.
RES-CS5 OHMITE-RES-CS5 Datasheet
408Kb / 2P
   Frequency converters
logo
Texas Instruments
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
[Old version datasheet]   FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Fairchild Semiconductor
RC4152 FAIRCHILD-RC4152 Datasheet
75Kb / 12P
   Voltage-to-Frequency Converters
logo
Nova Electric. All Righ...
GHFC1K50 NOVA-GHFC1K50 Datasheet
537Kb / 2P
   SOLID-STATE FREQUENCY CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
TelCom Semiconductor, I...
TC9400 TELCOM-TC9400 Datasheet
154Kb / 13P
   VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
logo
International Rectifier
IRFU3518-701PBF IRF-IRFU3518-701PBF Datasheet
234Kb / 11P
   High frequency DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com