Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

CA06P4M7GK2 Datasheet(HTML) 2 Page - EPCOS

Part No. CA06P4M7GK2
Description  Multiple elements in one component
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EPCOS [EPCOS]
Homepage  http://www.epcos.com
Logo 

CA06P4M7GK2 Datasheet(HTML) 2 Page - EPCOS

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 5 page
background image
132 04/02
Maximum ratings
Type
SIOV-
Ordering code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
CA06P4M7GK2
B72728A0070M062
7
8,5
30
0,075
0,003
CA06P4S17ALCGK2
B72728A2170S162
17
22
30
0,075
0,003
CA05P4S17ALCGK2
B72718A2170S162
17
22
10
0,01
0,003
CA04P2S17TLCG2)
B72766A2170S160
17
22
10
0,01
0,003
Characteristics
Type
SIOV-
Vv
(1 mA)
V
DVv
(1 mA)
%
Max. clamping voltage Ctyp
(1 kHz)
pF
Ltyp
nH
Derating
curve
Page
V/I char-
acteristic
Page
v
V
i
A
CA06P4M7GK2
12,5
± 20
30
1,0
200
1,0
238
265
CA06P4S17ALCGK2
32,5
± 23
50
1,0
< 751)
1,0
238
265
CA05P4S17ALCGK2
32,5
± 23
50
1,0
< 751)
1,0
237
265
CA04P2S17TLCG2)
32,5
± 23
50
1,0
< 751)
1,0
237
265
1) Ctyp (1 MHz)
2) Nickel barrier termination
Arrays – Silver Platinum Termination (TA = 85 °C)
SMD Varistors


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn